Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS2012A0E1EC Datasheet(PDF) 6 Page - BetLux Electronics

Part # BL-LS2012A0E1EC
Description  2.0mmx1.25mm SMD, 1.1mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS2012A0E1EC Datasheet(HTML) 6 Page - BetLux Electronics

  BL-LS2012A0E1EC Datasheet HTML 1Page - BetLux Electronics BL-LS2012A0E1EC Datasheet HTML 2Page - BetLux Electronics BL-LS2012A0E1EC Datasheet HTML 3Page - BetLux Electronics BL-LS2012A0E1EC Datasheet HTML 4Page - BetLux Electronics BL-LS2012A0E1EC Datasheet HTML 5Page - BetLux Electronics BL-LS2012A0E1EC Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
  
SMD LED LAMP
BL-LS2012A0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 6 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Packing and weighting
3000pcs/Reel
1 Reel/Bag
Maximum
10
Bags/Inner Box
3
Inner
Box/Box
9
Inner
Box/Box


Similar Part No. - BL-LS2012A0E1EC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
More results

Similar Description - BL-LS2012A0E1EC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
BL-LS3216C0E1 BETLUX-BL-LS3216C0E1 Datasheet
535Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
ECS, Inc.
ECX-64 ECS-ECX-64_14 Datasheet
110Kb / 2P
   1.1mm SMD QUARTZ CRYSTAL
ECX-64 ECS-ECX-64 Datasheet
108Kb / 1P
   1.1mm SMD QUARTZ CRYSTAL
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
   Ultra-thin, thickness 1.1mm or less.
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
   3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com