Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3070 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3070
Description  Managing the Driver Enable signal for RS-485 and IO-Link
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3070 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3070 Datasheet HTML 2Page - STMicroelectronics AN3070 Datasheet HTML 3Page - STMicroelectronics AN3070 Datasheet HTML 4Page - STMicroelectronics AN3070 Datasheet HTML 5Page - STMicroelectronics AN3070 Datasheet HTML 6Page - STMicroelectronics AN3070 Datasheet HTML 7Page - STMicroelectronics AN3070 Datasheet HTML 8Page - STMicroelectronics AN3070 Datasheet HTML 9Page - STMicroelectronics AN3070 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Description of the methods used to manage the DE signal
AN3070
6/12
Doc ID 16312 Rev 1
2
Description of the methods used to manage the DE
signal
The purpose of this section is to provide two methods to control the DE signal and switch
between the USART send and receive modes.
The first method uses two interrupts: the transmit complete interrupt of the DMA and the
transmit complete interrupt of the USART.
The second method uses two USART interrupts: the transmit complete interrupt and the
transmit buffer empty interrupt.
2.1
Method using the DMA interrupt
In this method, the DMA manages the data buffer transmission entirely. It continuously
sends the data buffer to the USART data register until the DMA counter reaches 0. When
the DMA transmit complete interrupt occurs, the USART transmit complete interrupt is
enabled. In this interrupt, the DE pin is driven low.
The DE signal goes high just before the DMA transfer is enabled.
Figure 2 shows an example of management of the DE signal by using the DMA transmit
complete interrupt.
Figure 2.
DMA interrupt method to control the DE signal
2.2
Method using the USART interrupt
The transmit complete interrupt of the USART is used to drive low the DE pin, and so inform
the slave to send its response. The transmit data register empty interrupt is also used to
drive this pin high to inform that the master is to send data to the slave. Figure 3 shows an
example of the DE signal management using the USART interrupts.
The DE pin is pulled high before the first byte is sent. It is driven low after the last bit of the
last byte is sent. This is done by enabling the TC interrupt during the last byte transmission.
The next occurrence of the transmit complete interrupt drives the DE pin low.


Similar Part No. - AN3070

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN307 SILABS-AN307 Datasheet
1Mb / 14P
   RECEIVE POWER SCAN PRIMER
logo
STMicroelectronics
AN3077 STMICROELECTRONICS-AN3077 Datasheet
976Kb / 82P
   Safety application guide
More results

Similar Description - AN3070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253_10 Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253 MAXIM-MAX253 Datasheet
230Kb / 16P
   Transformer Driver for Isolated RS-485 Interface
19-0226; Rev 0; 1/94
MAX253 MAXIM-MAX253_V01 Datasheet
296Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
2015
MAX253 MAXIM-MAX253_09 Datasheet
826Kb / 17P
   Transformer Driver for Isolated RS-485 Interface
Rev 1; 8/09
MAX253CPA MAXIM-MAX253CPA Datasheet
579Kb / 18P
   MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
   IO Link Universal Analog IO
UG6120 MAXIM-UG6120 Datasheet
1Mb / 16P
   IO-Link Servo Driver Quick Start Guide
Rev 0; 4/15
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
   IO-Link Master
2020-06-30
logo
Texas Instruments
SN55LBC180 TI1-SN55LBC180 Datasheet
877Kb / 24P
[Old version datasheet]   LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
   IO-Link Master
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com