Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3168 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 4Page - STMicroelectronics AN3168 Datasheet HTML 5Page - STMicroelectronics AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
8/20
Figure 7.
Gate current amplification with positive supply topology
With the bipolar solution, to keep the current sourced to the gate, the only way is then to use
a PNP transistor. A PNP transistor has to be used to set its drive reference to a stable bias,
which is the power supply (VDD) in this case.
This is another drawback of the positive power supply topology. To amplify the control circuit
output current, a PNP transistor has to be used instead of an NPN transistor. And a PNP
transistor has a lower current gain and a higher price than an NPN one.
2.4
Triac and ACS / ACST triggering circuit with negative power
supply
Such a topology is the preferred one. The gate current is sunk from the gate by the control
circuit. The device then works in Q2 and Q3 quadrants. Such a topology is adapted for all
devices: standard, snubberless or logic level Triacs, and ACS or ACST.
For SCRs, the gate circuit has to be modified to source the current to the gate, as explained
in Section 2.5.
It should be noted that another advantage with this topology is that the control circuit output
current can be easily amplified if needed (see Section 2.3) with an NPN transistor as shown
in Figure 8.
Figure 8.
Gate current amplification with negative supply topology
CONTROL
CIRCUIT
+V
DD
V
SS
Vac
LOAD
T
CONTROL
CIRCUIT
+V
DD
I
G
V
SS
Vac
LOAD
T
Vac
I
G
LOAD
CONTROL
CIRCUIT
+V
DD
V
SS
LOAD
CONTROL
CIRCUIT


Similar Part No. - AN3168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN316 STMICROELECTRONICS-AN316 Datasheet
438Kb / 17P
   clamping protection mode
logo
Silicon Laboratories
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
logo
STMicroelectronics
AN3161 STMICROELECTRONICS-AN3161 Datasheet
761Kb / 14P
   Using the STGW35HF60WD advanced PT IGBT in parallel
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
AN3165 STMICROELECTRONICS-AN3165 Datasheet
1Mb / 31P
   Digital PFC and dual FOC MC integration
More results

Similar Description - AN3168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST2 STMICROELECTRONICS-ACST2 Datasheet
161Kb / 11P
   AC Switch family Alternating current switch
logo
ZIEHL industrie-elektro...
SW31V ZIEHL-SW31V Datasheet
242Kb / 1P
   Voltage Relay for three-phase current also for alternating current networks
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
   8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
logo
Pentair plc. All rights...
2850 PENTAIR-2850 Datasheet
3Mb / 52P
   An uninterrupted alternating current (A/C) supply is required
logo
List of Unclassifed Man...
DLA71DB232P ETC2-DLA71DB232P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
STMicroelectronics
AN3306 STMICROELECTRONICS-AN3306 Datasheet
639Kb / 21P
   Current sensing in metering applications using
logo
PHOENIX CONTACT
102504 PHOENIX-102504 Datasheet
190Kb / 3P
   Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
2813499 PHOENIX-2813499 Datasheet
167Kb / 3P
   Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
   Using the EnerChip??in Pulse Current Applications
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com