Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-DSW-15W Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AB-DSW-15W
Description  LED Down Light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-DSW-15W Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AB-DSW-15W_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-DSW-15W_15 Datasheet HTML 2Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AB-DSW-15W
Diff No.
Ø180x95mm
LED Down Light
Type:
2
Product Dimension:
Specification:
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
AC 90~240, 50/60Hz
V
Emitting degree
1/2
120
Deg.
Color Temperature
CCT
3000
K
Luminous Flux (at 2m)
Flux
900
Lm
Operating Temperature Range
Topr
-20 ~ 45
°C


Similar Part No. - AB-DSW-15W_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
More results

Similar Description - AB-DSW-15W_15

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
DLF26WCWE2 PARALIGHT-DLF26WCWE2 Datasheet
261Kb / 4P
   LED Down Light
DLF26WCWE1 PARALIGHT-DLF26WCWE1 Datasheet
262Kb / 4P
   LED Down Light
DLF33WCWE2 PARALIGHT-DLF33WCWE2 Datasheet
262Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DW0-10W A-BRIGHT-AB-DW0-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DW0-15W A-BRIGHT-AB-DW0-15W_15 Datasheet
205Kb / 2P
   LED Down Light
logo
PARA LIGHT ELECTRONICS ...
DLF33WCWE1 PARALIGHT-DLF33WCWE1 Datasheet
263Kb / 4P
   LED Down Light
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
AB-DW0-10W A-BRIGHT-AB-DW0-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com