Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-FL56HC60-K Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AB-FL56HC60-K
Description  LED Flood Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-FL56HC60-K Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AB-FL56HC60-K_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-FL56HC60-K_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-FL56HC60-K_15 Datasheet HTML 3Page - A-BRIGHT Inc AB-FL56HC60-K_15 Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AB-FL56HC60-K
Diff No.003
202.4x205.7mm
LED Flood Light
Type:
2
Row Material:
Item
Description
Casing Material
Aluminum Casing、Tempered Glass
Casing Color
Black
Plug Type
Wire
IP Level
IP65
LED Light Source
2.2W x 24ea (Cree x Lamp)
Weight
3Kg
Specification:
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
AC 100 ~ 240V
V
Viewing degree (Reference value)
1/2
60
Deg.
Color Temperature
CCT
6000
K
Luminous Flux
ΦV
4800
Lm
LED Power Consumption
PD
56
W
Total Power Consumption
PD
60
W
Operating Temperature Range
Topr
-20 ~ 40
°C


Similar Part No. - AB-FL56HC60-K_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
More results

Similar Description - AB-FL56HC60-K_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
   LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
PARA-SPL-200WDF-YFA-WW PARALIGHT-PARA-SPL-200WDF-YFA-WW Datasheet
139Kb / 4P
   200W Flood Light
PARA-SPL-150WDF-YFA-CW PARALIGHT-PARA-SPL-150WDF-YFA-CW Datasheet
153Kb / 4P
   150W Flood Light
PARA-SPL-150WDF-YFA-WW PARALIGHT-PARA-SPL-150WDF-YFA-WW Datasheet
120Kb / 4P
   150W Flood Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com