Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-FT10480WD Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AB-FT10480WD
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-FT10480WD Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AB-FT10480WD_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-FT10480WD_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-FT10480WD_15 Datasheet HTML 3Page - A-BRIGHT Inc AB-FT10480WD_15 Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page︰4 of 4
產品料號︰
AB-FT10480WD
高亮度 LED 燈管
此產品可用於傳統安定器之燈具,且須拔除啟動器,不適用於電子
式安定器之燈具。
LED 燈管特色
1.高壽命
2.省電、省碳
3.不會產生紫外光、紅外光等輻射
4.產生溫度低
5.無液態水銀、不含汞、響應環保
用 途
室內照明
室內燈飾
工廠照明
停車場照明
商用照明
冷藏、冷凍倉庫、餐廳……照明


Similar Part No. - AB-FT10480WD_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT10480WD A-BRIGHT-AB-FT10480WD Datasheet
128Kb / 2P
   φ30x345mm LED Fluorescent Tube Light
AB-FT10480WD A-BRIGHT-AB-FT10480WD Datasheet
175Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
More results

Similar Description - AB-FT10480WD_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com