Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-FT42080WD Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AB-FT42080WD
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-FT42080WD Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AB-FT42080WD_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-FT42080WD_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-FT42080WD_15 Datasheet HTML 3Page - A-BRIGHT Inc AB-FT42080WD_15 Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page︰3 of 4
產品料號︰
AB-FT42080WD
高亮度 LED 燈管
G13
白霧色
300g
管徑 φ30mm
管長 1200mm
全長 1215mm
最小値
平均值
最大値
單 位
壓 (AC)
90
---
264
V
47
---
63
Hz
---
---
0.4
A
100@50Hz
---
16.6
20
100@60Hz
---
16.6
20
W
1200 (80%透光率)
流明
120
5500±500
K
40,000
時 間
存 溫
-20 ~ 50
ºC
作 溫
-10 ~ 40
ºC


Similar Part No. - AB-FT42080WD_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT42080WD A-BRIGHT-AB-FT42080WD Datasheet
128Kb / 2P
   φ30x1215mm LED Fluorescent Tube Light
AB-FT42080WD A-BRIGHT-AB-FT42080WD Datasheet
175Kb / 4P
   LED Fluorescent Tube Light
More results

Similar Description - AB-FT42080WD_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com