Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M11A571G-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-M11A571G-XX
Description  30.42mm (1.1) 3.0 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M11A571G-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-M11A571G-XX Datasheet HTML 1Page - BetLux Electronics BL-M11A571G-XX Datasheet HTML 2Page - BetLux Electronics BL-M11A571G-XX Datasheet HTML 3Page - BetLux Electronics BL-M11A571G-XX Datasheet HTML 4Page - BetLux Electronics BL-M11A571G-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED DOT MATRIX
BL-M11X571
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
6.3g/pcs
Maximum
64pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-M11A571G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M10A571 BETLUX-BL-M10A571 Datasheet
334Kb / 5P
   26.54mm (1.0) 2.54 dot matrix LED display
BL-M10A571D-XX BETLUX-BL-M10A571D-XX Datasheet
334Kb / 5P
   26.54mm (1.0) 2.54 dot matrix LED display
BL-M10A571E-XX BETLUX-BL-M10A571E-XX Datasheet
334Kb / 5P
   26.54mm (1.0) 2.54 dot matrix LED display
BL-M10A571G-XX BETLUX-BL-M10A571G-XX Datasheet
334Kb / 5P
   26.54mm (1.0) 2.54 dot matrix LED display
BL-M10A571S-XX BETLUX-BL-M10A571S-XX Datasheet
334Kb / 5P
   26.54mm (1.0) 2.54 dot matrix LED display
More results

Similar Description - BL-M11A571G-XX

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
logo
BetLux Electronics
BL-M30A571 BETLUX-BL-M30A571 Datasheet
339Kb / 5P
   79.80mm (3.0) :u7.62 dot matrix LED display
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
   LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
   Dot Matrix Display LED
2019/2/15
logo
Unity Opto Technology
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com