Electronic Components Datasheet Search |
|
LT1223 Datasheet(PDF) 5 Page - Linear Technology |
|
LT1223 Datasheet(HTML) 5 Page - Linear Technology |
5 / 16 page LT1223 5 1223fb TYPICAL PERFOR A CE CHARACTERISTICS Supply Current vs Supply Voltage, Supply Current vs Supply Voltage Output Short Circuit-Current vs VIN = 0 (Operating) (Shutdown) Temperature Input Common Mode Limit vs Temperature +IB vs Common Mode Voltage –IB vs Common Mode Voltage Output Voltage Swing vs Output Voltage Swing vs VOS vs Common Mode Voltage Load Resistor Supply Voltage SUPPLY VOLTAGE ( ±V) 0 0 2 4 6 8 10 LT1223 • TPC02 2 4 6 8 1012 14 1618 20 –55 °C 25 °C 125 °C SUPPLY VOLTAGE ( ±V) 0 0 1 2 3 4 LT1223 • TPC03 2 4 6 8 10 12 14161820 125 °C –55 °C PIN 8 = 0V 25 °C CASE TEMPERATURE ( °C) –50 0 30 100 LT1223 • TPC04 –25 0 25 50 75 100 125 10 20 40 50 60 70 80 90 TEMPERATURE ( °C) 2 LT1223 • TPC05 1 3 4 –4 –3 –2 –1 V = ±15V S V = ±5V S V = 15V S V = 5V S –50 –25 0 25 50 75 100 125 V+ V– COMMON MODE VOLTAGE (V) –15 –5 –3 –1 1 3 5 LT1223 • TPC06 –10 –5 0 5 10 15 25 °C 125 °C –4 –2 0 2 4 –55 °C V = ±15V S COMMON MODE VOLTAGE (V) –15 –10 –6 –2 2 6 10 LT1223 ∑ TPC07 –10 –5 0 5 10 15 125 °C –8 –4 0 4 8 –55 °C ± V = 15V S 25 °C COMMON MODE VOLTAGE (V) –15 –20 –10 10 20 LT1223 • TPC08 –10 –5 0 5 10 15 –15 –5 0 5 15 –55 °C 25 °C 125 °C V = 15V S ± LOAD RESISTOR ( ) 100 –20 15 20 1000 10000 LT1223 • TPC09 Ω –15 –10 –5 0 5 10 125 °C VS = ±15V 25 °C, –55°C 125 °C 25 °C, –55°C SUPPLY VOLTAGE ( ±V) 0 –20 –10 –5 10 20 LT1223 • TPC10 2 4 6 8 10 1214 1618 20 125 °C –15 0 5 15 25 °C 25 °C 125 °C –55 °C –55 °C |
Similar Part No. - LT1223_15 |
|
Similar Description - LT1223_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |