Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M12A883S-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M12A883S-XX
Description  31.70mm (1.2) 3.0x3.0 SQUARE dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M12A883S-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M12A883S-XX Datasheet HTML 1Page - BetLux Electronics BL-M12A883S-XX Datasheet HTML 2Page - BetLux Electronics BL-M12A883S-XX Datasheet HTML 3Page - BetLux Electronics BL-M12A883S-XX Datasheet HTML 4Page - BetLux Electronics BL-M12A883S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED DOT MATRIX
BL-M12X883
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
31.70mm (1.2”) 3.0x3.0 SQUARE dot matrix LED display.
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M12A883S-XX
BL-M12B883S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
200
BL-M12A883D-XX
BL-M12B883D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
320
BL-M12A883UR-XX
BL-M12B883UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
400
BL-M12A883E-XX
BL-M12B883E-XX
Orange
GaAsP/GaP
635
2.10
2.50
190
BL-M12A883Y-XX
BL-M12B883Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
190
BL-M12A883G-XX
BL-M12B883G-XX
Green
GaP/GaP
570
2.20
2.50
195
Ultra Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M12A883UHR-XX
BL-M12B883UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
400
BL-M12A883UE-XX
BL-M12B883UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
235
BL-M12A883YO-XX
BL-M12B883YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
235
BL-M12A883UY-XX
BL-M12B883UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
235
BL-M12A883UG-XX
BL-M12B883UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
250
BL-M12A883PG-XX
BL-M12B883PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
270
BL-M12A883B-XX
BL-M12B883B-XX
Ultra Blue
InGaN
470
2.70
4.20
180
BL-M12A883W-XX
BL-M12B883W-XX
Ultra White
InGaN
/
2.70
4.20
300
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M12A883S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M12A883S BETLUX-BL-M12A883S Datasheet
134Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
More results

Similar Description - BL-M12A883S-XX

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12883AX-00 FORYARD-FYM-12883AX-00 Datasheet
456Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
FYM-12883AXX-00 FORYARD-FYM-12883AXX-00 Datasheet
516Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M12A571 BETLUX-BL-M12A571 Datasheet
351Kb / 5P
   39.10mm (1.2) u3.0 dot matrix LED display
BL-M12A572 BETLUX-BL-M12A572 Datasheet
341Kb / 5P
   31.80mm (1.2) : u3.0 dot matrix LED display
BL-M12C881 BETLUX-BL-M12C881 Datasheet
366Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
BL-M12A881 BETLUX-BL-M12A881 Datasheet
350Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
BL-M12A882 BETLUX-BL-M12A882 Datasheet
362Kb / 5P
   32.00mm (1.2) :u3.0 dot matrix LED display
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com