Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1065 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1065
Description  DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1065 Datasheet(HTML) 4 Page - Linear Technology

  LTC1065_15 Datasheet HTML 1Page - Linear Technology LTC1065_15 Datasheet HTML 2Page - Linear Technology LTC1065_15 Datasheet HTML 3Page - Linear Technology LTC1065_15 Datasheet HTML 4Page - Linear Technology LTC1065_15 Datasheet HTML 5Page - Linear Technology LTC1065_15 Datasheet HTML 6Page - Linear Technology LTC1065_15 Datasheet HTML 7Page - Linear Technology LTC1065_15 Datasheet HTML 8Page - Linear Technology LTC1065_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1065
1065fb
INPUT FREQUENCY (kHz)
1
10
100
1065 G06
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B
C
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
VIN = 1.4VRMS
TA = 25°C
E
D
INPUT FREQUENCY (kHz)
1
10
100
1065 G05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B
C
D
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
VIN = 1.4VRMS
TA = 25°C
INPUT FREQUENCY (kHz)
1
10
100
1065 G04
B
C
VIN = 750mVRMS
TA = 25°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
ELECTRICAL C
C
HARA TERISTICS
Output Offset vs Clock,
Medium Clock Rates
Self-Clocking Frequency vs R
Output Offset vs Clock,
Low Clock Rates
EXTERNAL CLOCK FREQUENCY (kHz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1065 G03
500
1000
0
VS = ±7.5V
VS = ±5V
VS = ±2.5V
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
20
10
1065 G01
100
300
500
LTC1065
R
C
4
5
C = 200pF
fOSC ≅ 1/RC
Gain vs Frequency; VS = ±7.5V
Gain vs Frequency; VS = ±2.5V
Gain vs Frequency; VS = ±5V
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The maximum clock frequency is arbitrarily defined as the
frequency at which the filter AC response exhibits
≥ 1dB of gain peaking.
Note 3: At limited temperature ranges (i.e., TA ≤ 50°C) the minimum clock
frequency can be as low as 10Hz. The typical minimum clock frequency is
arbitrarily defined as the clock frequency at which the output DC offset
changes by more than 1mV.
Note 4: The wideband noise specification does not include the clock
feedthrough.
Note 5: To properly evaluate the filter’s harmonic distortion an inverting
output buffer is recommended. An output buffer (although recommended)
is not necessarily needed when measuring output DC offset or wideband
noise (see Figure 3).
Note 6: The output DC offset is optimized for
±5V supply. The output DC
offset shifts when the power supplies change; however, this phenomenon
is repeatable and predictable.
Note 7: The LTC1065C is guaranteed to meet the specified performance
from 0
°C to 70°C and is designed, characterized and expected to meet
specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC1065I is guaranteed to meet
specified performance from –40
°C to 85°C.
EXTERNAL CLOCK FREQUENCY (Hz)
50
45
40
35
30
25
20
15
10
5
0
1065 G02
10
110
210
A
B
A. TA = 25°C
B. TA = 85°C
VS = ±5V


Similar Part No. - LTC1065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065C LINER-LTC1065C Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065CN8 LINER-LTC1065CN8 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065CN8 LINER-LTC1065CN8 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065CS LINER-LTC1065CS Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065CSW LINER-LTC1065CSW Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
More results

Similar Description - LTC1065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_15 Datasheet
277Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com