Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3258 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3258
Description  Local interconnect network
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3258 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3258 Datasheet HTML 7Page - STMicroelectronics AN3258 Datasheet HTML 8Page - STMicroelectronics AN3258 Datasheet HTML 9Page - STMicroelectronics AN3258 Datasheet HTML 10Page - STMicroelectronics AN3258 Datasheet HTML 11Page - STMicroelectronics AN3258 Datasheet HTML 12Page - STMicroelectronics AN3258 Datasheet HTML 13Page - STMicroelectronics AN3258 Datasheet HTML 14Page - STMicroelectronics AN3258 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN3258
HSI calibration
Doc ID 17825 Rev 1
11/16
1.5
LIN header error handling
It is possible that slave node receives an invalid LIN header or a LIN header with an error. In
this case, the LIN header detection flag (LHDF) is not set and the corresponding LIN header
detection interrupt does not occur but, the LIN header error (LHE) flag is set.
A LIN header error may occur under the following conditions:
1.
The break delimiter is too short.
2.
The sync field is not equal to 0x55 or the deviation error in the sync field is outside the
LIN specification which allows a clock deviation of up to 14 % between the slave and
master oscillators.
3.
The framing error occurs in the sync field or the identifier field.
4.
A LIN header reception timeout occurs.
In the case of a LIN header error detection (LHE bit set), the LHE bit is cleared inside the
interrupt service routine and the software waits for the new valid LIN header.
1.6
LIN divider update method
Three registers are managed internally by the LINUART/UART1 peripheral for the automatic
update of the LIN divider (LDIV). They are:
1.
LDIV_NOM which stores the value written by software in the LINUART_BRR1 and
LINUART_BRR2 registers.
2.
LDIV_MEAS which stores the value of the LIN sync field measurement.
3.
LDIV which stores the value which is used to generate the baud rate.
The LDIV can be updated from the LDIV_MEAS register after the LIN sync field
measurement or from the LDIV_NOM register after a software write in LINUART_BRR1.
If LASE =1, the LDIV_MEAS is loaded automatically into LDIV after each LIN sync field
measurement. The loading from LDIV_NOM into LDIV depends on the LDUM bit setting.
If LDUM = 1, the LDIV_NOM value is loaded automatically into LDIV register at the end of
character reception (RXNE =1).
If LDUM =0, the LDIV_NOM value is loaded into LDIV after a software write into
LINUART_BRR1.
If the loading from LDIV_MEAS and LDIV_NOM into LDIV occurs at the same time,
LDIV_NOM has the priority.


Similar Part No. - AN3258

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3250 STMICROELECTRONICS-AN3250 Datasheet
596Kb / 16P
   M24LR64-R Multi-bank reference design description and settings
AN3254 STMICROELECTRONICS-AN3254 Datasheet
661Kb / 24P
   SPI protocol for the STPMC1 metering device
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
   Building an RFID short-range reader using the STM8S-DISCOVERY
AN3256 STMICROELECTRONICS-AN3256 Datasheet
945Kb / 23P
   Low-cost LED driver for an A19 lamp
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
   RS232 communications with a terminal using the STM8S-DISCOVERY
More results

Similar Description - AN3258

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2027-Q1 TI1-TLIN2027-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TLIN2027-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com