Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3261 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3261
Description  The Smart Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3261 Datasheet HTML 6Page - STMicroelectronics AN3261 Datasheet HTML 7Page - STMicroelectronics AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics AN3261 Datasheet HTML 10Page - STMicroelectronics AN3261 Datasheet HTML 11Page - STMicroelectronics AN3261 Datasheet HTML 12Page - STMicroelectronics AN3261 Datasheet HTML 13Page - STMicroelectronics AN3261 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical application diagrams
AN3261
10/17
Doc ID 17837 Rev 1
2.6
Reliability note
Devices with timings adjusted by external components vs. environmental
considerations
For device options with timings (tSRC, tREC) adjusted by an external capacitor, there are
several additional factors to be considered that may affect the accuracy of the timings. The
given specifications apply to the STM65xx device alone, i.e. with an ideal timing capacitor.
External tolerances, temperature dependencies and leakages are excluded.
The Smart Reset™ devices are designed to meet strict requirements for the lowest possible
current consumption and to maintain the common timing constant 10 s/µF, therefore the
constant current used to charge the external timing capacitor is very low, in the magnitude of
100 nA. Any external leakage (e.g. poor quality timing capacitors or excessive humidity,
especially if dew-point is exceeded and moisture condensation occurs on the PCB tracks)
may cause a significant leakage current which is deducted from the constant charging
current that the device provides, reducing the effective external timing capacitor charging
current which results in extending the tSRC (tREC) timings. To minimize this effect, the PCB
tracks between the SRC (TRECADJ) pin and its respective timing capacitor should be as
short as possible, properly covered with solder mask and isolated from other tracks
(especially VSS) by as great a distance as possible. Also, low-leakage timing capacitors
(ceramic or film capacitor) should be used.


Similar Part No. - AN3261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
   Building a thermometer using the STM8S-DISCOVERY
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
   Using the over-the-air bootloader with STM32W108 devices
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
   Handling hardware and software failures with the STM8S-DISCOVERY
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
STMicroelectronics
AN3269 STMICROELECTRONICS-AN3269 Datasheet
217Kb / 19P
   This application note introduces some
More results

Similar Description - AN3261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9779WD-SPI STMICROELECTRONICS-L9779WD-SPI Datasheet
1Mb / 141P
   Smart reset function
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
   6 pin Smart Reset?
May 2014
STM6519ALARUB6F STMICROELECTRONICS-STM6519ALARUB6F Datasheet
397Kb / 25P
   4-pin Smart Reset?
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
List of Unclassifed Man...
BMP21-PLUS ETC-BMP21-PLUS Datasheet
308Kb / 2P
   Tough on the Outside. Smart on the Inside.
FT6000 ETC2-FT6000 Datasheet
1Mb / 4P
   Smart Transceivers for the IzoTTM Platform
logo
STMicroelectronics
AN2284 STMICROELECTRONICS-AN2284 Datasheet
266Kb / 40P
   Smart Card Interface with the STR71xx
logo
List of Unclassifed Man...
ARGOS-A100 ETC1-ARGOS-A100 Datasheet
662Kb / 2P
   The smart CDK - Camera Dev. Kit
logo
STMicroelectronics
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com