Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M23C882 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M23C882
Description  60.20mm (2.3) :u5.0 dot matrix LED display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M23C882 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M23C882 Datasheet HTML 1Page - BetLux Electronics BL-M23C882 Datasheet HTML 2Page - BetLux Electronics BL-M23C882 Datasheet HTML 3Page - BetLux Electronics BL-M23C882 Datasheet HTML 4Page - BetLux Electronics BL-M23C882 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED DOT MATRIX
BL-M23X882
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
60.20mm (2.3”) ¦µ5.0 dot matrix LED display.
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row
Cathode
Column Anode
Row Anode
Column Cathode
Emitted
Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M23C882S-XX
BL-M23D882S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
280
BL-M23C882D-XX
BL-M23D882D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
310
BL-M23C882UR-XX
BL-M23D882UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
450
BL-M23C882E-XX
BL-M23D882E-XX
Orange
GaAsP/GaP
635
2.10
2.50
220
BL-M23C882Y-XX
BL-M23D882Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
220
BL-M23C882G-XX
BL-M23D882G-XX
Green
GaP/GaP
570
2.20
2.50
250
Ultra Bright
Electrical-optical characteristics: (Ta=25 C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
P
(nm)
Typ
Max
Iv
TYP.(mcd)
BL-M23C882UHR-XX
BL-M23D882UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
450
BL-M23C882UE-XX
BL-M23D882UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
255
BL-M23C882YO-XX
BL-M23D882YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
255
BL-M23C882UY-XX
BL-M23D882UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
255
BL-M23C882UG-XX
BL-M23D882UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
380
BL-M23C882PG-XX
BL-M23D882PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
560
BL-M23C882B-XX
BL-M23D882B-XX
Ultra Blue
InGaN
470
2.70
4.20
270
BL-M23C882W-XX
BL-M23D882W-XX
Ultra White
InGaN
/
2.70
4.20
350
·-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-M23C882

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23C882B BETLUX-BL-M23C882B Datasheet
150Kb / 4P
   LED DOT MATRIX
BL-M23C882D BETLUX-BL-M23C882D Datasheet
150Kb / 4P
   LED DOT MATRIX
BL-M23C882E BETLUX-BL-M23C882E Datasheet
150Kb / 4P
   LED DOT MATRIX
BL-M23C882G BETLUX-BL-M23C882G Datasheet
150Kb / 4P
   LED DOT MATRIX
BL-M23C882PG BETLUX-BL-M23C882PG Datasheet
150Kb / 4P
   LED DOT MATRIX
More results

Similar Description - BL-M23C882

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M23C881 BETLUX-BL-M23C881 Datasheet
364Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23E881 BETLUX-BL-M23E881 Datasheet
365Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A882 BETLUX-BL-M23A882 Datasheet
363Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A881 BETLUX-BL-M23A881 Datasheet
360Kb / 5P
   60.20mm (2.3) :u5.0 dot matrix LED display
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
   60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
BL-M23C581 BETLUX-BL-M23C581 Datasheet
357Kb / 5P
   60.60mm (2.3) :u5.0 dot matrix LED display
BL-M23A883 BETLUX-BL-M23A883 Datasheet
344Kb / 5P
   60.96 mm (2.3) :u5.0 dot matrix LED display
logo
BRIGHT LED ELECTRONICS ...
BM-20688ND BRIGHT-BM-20688ND Datasheet
493Kb / 3P
   60.20mm (2.3) matrix height 8횞8 dot matrix display
logo
BetLux Electronics
BL-M20A881 BETLUX-BL-M20A881 Datasheet
364Kb / 5P
   49.45mm (2.0) :u5.0 dot matrix LED display
BL-M20A571 BETLUX-BL-M20A571 Datasheet
342Kb / 5P
   53.10mm (2.0) :u5.0 dot matrix LED display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com