Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-FL7644BGC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-FL7644BGC
Description  7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7644BGC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-FL7644BGC Datasheet HTML 1Page - BetLux Electronics BL-FL7644BGC Datasheet HTML 2Page - BetLux Electronics BL-FL7644BGC Datasheet HTML 3Page - BetLux Electronics BL-FL7644BGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
  
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7644xx
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH()
? p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz
F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta()
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta()
(5)


Similar Part No. - BL-FL7644BGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7644BGC BETLUX-BL-FL7644BGC Datasheet
149Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7644BGC BETLUX-BL-FL7644BGC Datasheet
365Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results

Similar Description - BL-FL7644BGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7660 BETLUX-BL-FL7660 Datasheet
300Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7600 BETLUX-BL-FL7600 Datasheet
229Kb / 4P
   7.62*7.62*2.5MM, flat top, SUPER FLUX LED LAMP
BL-FL7680 BETLUX-BL-FL7680 Datasheet
510Kb / 4P
   7.62*7.62*5.0MM, 5MM ROUND SUPER FLUX LED LAMP
BL-FL760R BETLUX-BL-FL760R Datasheet
229Kb / 4P
   7.62*7.62*3.5MM, flat round top, SUPER FLUX LED LAMP
BL-FL7653 BETLUX-BL-FL7653 Datasheet
230Kb / 4P
   7.62*7.62*4.7MM, 3MM Elliptical head SUPER FLUX LED LAMP
BL-FL7615 BETLUX-BL-FL7615 Datasheet
229Kb / 4P
   7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com