Electronic Components Datasheet Search |
|
1N4935G Datasheet(PDF) 1 Page - Leshan Radio Company |
|
1N4935G Datasheet(HTML) 1 Page - Leshan Radio Company |
1 / 7 page 1.Feature & Dimensions * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * High temperature metallurgically bonded construction * Cavity-free glass passivated junction * Capable of meeting environmental standards of MIL-S-19500 * 1.0 A operation at TA=55°C with no thermal runaway * For use in high frequency rectifier circuits * Fast switching for high efficiency * Typical IR less than 1.0µA * High temperature soldering guaranteed: 260°C/10 seconds * 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension 2.Mechanical Data Case : JEDEC DO-41, molded plastic body Terminals : Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.012 oz., 0.34 g Handling precautin :None 3.Electrical Characteristic Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symbol symbol 1N49 33G 1N49 34G 1N49 35G 1N49 36G 1N49 37G Unit Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 V Maximum RMS voltage VRMS 35 70 140 280 420 V Maximum DC blocking voltage VDC 50 100 200 400 600 V Maximum average forward rectified current 0.375" (9.5mm) lead length at TA = 55°C IF(AV) A Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM A Maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths at TA = 55° C IR(AV) µA Typical thermal resistance (Note 2) RθJA °C/W Operating junction and storage temperature range TJ, TSTG °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symbol symbol 1N49 33G 1N49 34G 1N49 35G 1N49 36G 1N49 37G Unit Maximum instantaneous forward voltage at 1.0A VF V Maximum DC reverse current TA = 25°C at rated DC blocking voltage TA = 125°C IR µA Typical reverse recovery time (Note 1) trr ns Typical junction capacitance at 4.0V, 1MHz CJ PF NOTES: 1. IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted –50 to +150 1.2 5.0 100 150 15 100 55 1.0 1N4933G thru 1N4937G 30 Reverse Voltage 50 to 600V Forward Current 1.0A Glass Passivated Junction Fast Recovery Rectifiers LESHAN RADIO COMPANY, LTD. 1/3 |
Similar Part No. - 1N4935G_15 |
|
Similar Description - 1N4935G_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |