Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX303U Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTX303U
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX303U Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX303U Datasheet HTML 1Page - KEC(Korea Electronics) KTX303U Datasheet HTML 2Page - KEC(Korea Electronics) KTX303U Datasheet HTML 3Page - KEC(Korea Electronics) KTX303U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2003. 3. 11
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX303U
EPITAXIAL PLANAR PNP TRANSISTOR
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
SWITCHING APPLICATION.
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
Including two(TR, Diode) devices in USV.
(Ultra Super Mini type with 5 leads)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
B
D
G
USV
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
5
4
1.3 0.1
A1
+_
+_
+_
+_
+_
1. D ANODE
2. Q BASE
3. Q EMITTER
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25 )
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
CI
Type Name
12
3
4
5
Marking
TRANSISTOR Q1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
Collector Current
IC
-500
ICP *
-1
A
Collector Power Dissipation
PC
100
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~125
DIODE (SBD) D1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
30
V
Reverse Voltage
VR
30
V
Maximum (Peak) Forward Current
IFM
300
Average Forward Current
IO
200
Surge Current (10mS)
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125


Similar Part No. - KTX303U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX301 KEC-KTX301 Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301E KEC-KTX301E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX301U KEC-KTX301U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
More results

Similar Description - KTX303U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX403U KEC-KTX403U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX402U KEC-KTX402U Datasheet
417Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KDR322 KEC-KDR322 Datasheet
66Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com