Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HP39EUYC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-HP39EUYC
Description  30W LEDs suitable for illumination lamps and decorative lighting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-HP39EUYC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-HP39EUYC Datasheet HTML 1Page - BetLux Electronics BL-HP39EUYC Datasheet HTML 2Page - BetLux Electronics BL-HP39EUYC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Power LED
BL-HP39EXX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.4
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
30W LEDs suitable for illumination lamps and decorative lighting
Ø
Longer service and less luminosity loss, 50,000hours
Ø
Different emitting colors are available
Ø
Lambertian, batwing and side emitting are all available
Applications:
Commercial lighting
Residential lighting
Decorative lighting
1Watt Lambertian
Electrical-optical characteristics: (Ta=25°C)
Chip
Forward
Voltage(VF)
Unit:V
Flux
Unit:lm
Part Number
Emitted Color
P
(nm) or
CTT
Lens
Type
Typ
Max
Min.
Typ.
View
ing
Angl
e
2¦È1/2
(deg)
BL-HP39EUEC
Ultra Orange
630
22.0
24.0
3000
3500
BL-HP39EUYC
Ultra Yellow
590
22.0
24.0
3000
3500
BL-HP39EPGC
Ultra Pure Green
525
32.0
36.0
4000
4500
BL-HP39EBGC
Ultra Bluish Green
505
32.0
36.0
3500
4000
BL-HP39EUBC
Ultra Blue
470
32.0
36.0
1000
1200
BL-HP39EUWC
Ultra White
6000k
32.0
36.0
4000
6000
BL-HP39EUW2C
Ultra Warm White
3200k
Water
Clear
32.0
36.0
3000
4000
105
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UY
BG
PG
UB
UW
Unit
Forward Current
IF
4000
4000
3200
3200
3200
3200
mA
LED Junction Temperature
120
120
120
120
120
120
°C
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
6000
6000
5000
5000
5000
5000
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +100
°C
Aluminum-Core Pcb
Temperature
105
°C


Similar Part No. - BL-HP39EUYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP20ABGCL BETLUX-BL-HP20ABGCL Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20ABGCL-3W BETLUX-BL-HP20ABGCL-3W Datasheet
56Kb / 3P
   High Power LED lamp
BL-HP20APGCB BETLUX-BL-HP20APGCB Datasheet
34Kb / 1P
   High Power LED lamp
More results

Similar Description - BL-HP39EUYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-HP26E-30W BETLUX-BL-HP26E-30W Datasheet
222Kb / 4P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP12E-5W BETLUX-BL-HP12E-5W Datasheet
225Kb / 4P
   5W LEDs suitable for illumination lamps and decorative lighting
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP51A-2W BETLUX-BL-HP51A-2W Datasheet
127Kb / 3P
   1W LEDs , suitable for illumination lamps and decorative lighting
logo
Sanken electric
SEL2013 SANKEN-SEL2013_08 Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
SEL1013M SANKEN-SEL1013M Datasheet
434Kb / 2P
   5phi Inverted-Cone LEDs (for lighting-panels and illumination)
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
   LED decorative lighting
logo
IK Semicon Co., Ltd
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
   Architecture and decorative LED lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com