Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L334PGC Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L334PGC
Description  3.0mm Cylindrical, Inverted Cone LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L334PGC Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L334PGC Datasheet HTML 1Page - BetLux Electronics BL-L334PGC Datasheet HTML 2Page - BetLux Electronics BL-L334PGC Datasheet HTML 3Page - BetLux Electronics BL-L334PGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cylindrical, Inverted Cone LED lamp
BL-L334
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
0.17g/pcs
Maximum
6
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box
1K pcs/bag


Similar Part No. - BL-L334PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L334PGC BETLUX-BL-L334PGC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
More results

Similar Description - BL-L334PGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
logo
Lucky Light Electronic
GB-473 LUCKY-LIGHT-GB-473 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (4.7mm)
logo
BetLux Electronics
BL-L344 BETLUX-BL-L344 Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L342 BETLUX-BL-L342 Datasheet
231Kb / 4P
   3.0mm Cylindrical LED lamp
logo
Lucky Light Electronic
GB-483 LUCKY-LIGHT-GB-483 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (3mm)
logo
BetLux Electronics
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
   7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com