Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V10PL45-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. V10PL45-M3
Description  Trench MOS Barrier Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10PL45-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V10PL45-M3 Datasheet HTML 1Page - Vishay Siliconix V10PL45-M3 Datasheet HTML 2Page - Vishay Siliconix V10PL45-M3 Datasheet HTML 3Page - Vishay Siliconix V10PL45-M3 Datasheet HTML 4Page - Vishay Siliconix V10PL45-M3 Datasheet HTML 5Page - Vishay Siliconix V10PL45-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V10PL45-M3
www.vishay.com
Vishay General Semiconductor
Revision: 09-Dec-13
2
Document Number: 89479
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 30 mm x 30 mm aluminum PCB; thermal resistance RJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Notes
(1) Mounted on 30 mm x 30 mm aluminum PCB; TM measured
at the terminal of cathode band (RJM = 4 °C/W)
(2) Free air, mounted on recommended copper pad area
(RJA = 68 °C/W)
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5.0 A
TA = 25 °C
VF (1)
0.39
-
V
IF = 10 A
0.44
0.52
IF = 5.0 A
TA = 125 °C
0.28
-
IF = 10 A
0.35
0.43
Reverse current
VR = 45 V
TA = 25 °C
IR (2)
-5.0
mA
TA = 125 °C
30
75
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10PL45
UNIT
Typical thermal resistance
RJA (1)
68
°C/W
RJM (2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V10PL45-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V10PL45-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
T
M - Mount Temperature (°C)
TA = 25 °C
TM = 130 °C
0.0
1.0
2.0
3.0
4.0
5.0
02468
10
12
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp


Similar Part No. - V10PL45-M3

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
103Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V10PL45-M3/86A VISHAY-V10PL45-M3/86A Datasheet
608Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
V10PL45-M3/87A VISHAY-V10PL45-M3/87A Datasheet
608Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
V10PL45-M3 VISHAY-V10PL45-M3_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
V10PL45-M3 VISHAY-V10PL45-M3_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V10PL45-M3

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VT2080S-E3 VISHAY-VT2080S-E3 Datasheet
155Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
   Trench MOS Barrier Schottky Rectifier
VT5200 VISHAY-VT5200_15 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
   Trench MOS Barrier Schottky Rectifier
V8P12 VISHAY-V8P12_15 Datasheet
88Kb / 5P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz