Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L502UGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L502UGC
Description  5mm Round Type LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L502UGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L502UGC Datasheet HTML 1Page - BetLux Electronics BL-L502UGC Datasheet HTML 2Page - BetLux Electronics BL-L502UGC Datasheet HTML 3Page - BetLux Electronics BL-L502UGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Round Type LED lamp
BL-L502
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
5mm Round Type LED lamp
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L502SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
250
BL-L502LRC
Super Red
AlGa As,DH
660
1.85
2.20
250
600
BL-L502URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
600
1000
BL-L502UEC
Ultra Orange
AlGaInP
630
2.10
2.50
800
2000
BL-L502UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
1000
2200
BL-L502UGC
Ultra Green
AlGaInP
574
2.20
2.50
300
700
BL-L502PGC
Ultra Pure Green
InGaN
525
3.80
4.50
2000
5000
BL-L502BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
1800
4000
BL-L502BC
Blue
InGaN
430
3.80
4.50
800
2000
BL-L502UBC
Ultra Blue
InGaN
470
2.70
4.20
2000
5000
BL-L502VC
UV
InGaN
405
3.80
4.50
80
150
BL-L502UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
3000
10000
20
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L502UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L502UGC BETLUX-BL-L502UGC Datasheet
71Kb / 3P
   Round Type LED lamp
More results

Similar Description - BL-L502UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L512 BETLUX-BL-L512 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
logo
Kingbright Corporation
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3 Datasheet
321Kb / 5P
   5mm Round LED Lamp
WP9294QBC-G KINGBRIGHT-WP9294QBC-G Datasheet
420Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3_15 Datasheet
318Kb / 6P
   5mm ROUND LED LAMP
WP9294QBC-D KINGBRIGHT-WP9294QBC-D Datasheet
321Kb / 5P
   5mm Round LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com