Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1166 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1166
Description  Power Output Stage Automatic Bias System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1166 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1166 Datasheet HTML 5Page - Linear Technology LT1166 Datasheet HTML 6Page - Linear Technology LT1166 Datasheet HTML 7Page - Linear Technology LT1166 Datasheet HTML 8Page - Linear Technology LT1166 Datasheet HTML 9Page - Linear Technology LT1166 Datasheet HTML 10Page - Linear Technology LT1166 Datasheet HTML 11Page - Linear Technology LT1166 Datasheet HTML 12Page - Linear Technology LT1166 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1166
Adding Voltage Gain
The circuit in Figure 9 adds voltage gain to the circuit in
Figure 1. At low frequency the LT1166 is in the feedback
loop of the LT1360 so the gain error and the VOS are
reduced and the closed-loop gain is 10V/V.
Figure 10. Power Amp Driving 1
Ω Load
Figure 11. Power Amp at 6A Current Limit
INPUT
OUTPUT
INPUT
OUTPUT
0V
0V
0V
0V
Figure 9. Power Op Amp AV = 10
7
3
6
ILIM
+
VOUT
ILIM
LT1166
VT
VBOT
100
0.33
0.33
1
4
15mA
1
15mA
100
MPS2222
110
110
5.1k
5.1k
+
440
µF
15V
–15V
VIN
39k
2
1166 • F09
300pF
300pF
MPS2907
IRF530
IRF9530
1
µF
1
µF
1k
1k
LT1004-2.5
LT1004
2.5
+
CF
500pF
0.1
µF
0.1
µF
1k
LT1360
7
6
4
3
2
909
500pF
100
440
µF
SENSE+
SENSE
8
5
VIN
VOUT
APPLICATIONS INFORMATION
1166 • F10
1166 • F11


Similar Part No. - LT1166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
LT1166CN8 LINER-LT1166CN8 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
LT1166CS8 LINER-LT1166CS8 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
More results

Similar Description - LT1166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
[Old version datasheet]   Synchronous-Buck Power Stage External Bias Supply
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
   LOW POWER 4 STAGE FET BIAS CONTROLLER
logo
DISCO Corporation
DCS1440 DISCO-DCS1440 Datasheet
295Kb / 2P
   Automatic Cleaning System
logo
BRIGHT LED ELECTRONICS ...
BIR-BO033A BRIGHT-BIR-BO033A Datasheet
239Kb / 8P
   Automatic Control System
logo
DISCO Corporation
DCS1441 DISCO-DCS1441 Datasheet
449Kb / 2P
   Automatic Cleaning System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com