Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA93 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA93
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA93 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA93 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA93 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999. 11. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
MPSA92/93
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
HIGH VOLTAGE APPLICATION.
TELEPHONE APPLICATION.
FEATURES
Complementary to MPSA42/43.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base
Breakdown Voltage
MPSA92
V(BR)CBO
IC=-100 A, IE=0
-300
-
-
V
MPSA93
-200
-
-
Collector-Emitter
Breakdown Voltage
MPSA92
V(BR)CEO
IC=-1.0mA, IB=0
-300
-
-
V
MPSA93
-200
-
-
Collector Cut-off
Current
MPSA92
ICBO
VCB=-300V, IE=0
-
-
-0.25
A
MPSA93
VCB=-150V, IE=0
-
-
-0.25
Emitter Cut-off Current
IEBO
VEB=-3V, IC=0
-
-
-0.1
A
DC Current Gain
* hFE
IC=-1.0mA, VCE=-10V
25
-
-
IC=-10mA, VCE=-10V
40
-
-
IC=-30mA, VCE=-10V
25
-
-
Collector-Emitter Saturation Voltage
* VCE(sat)
IC=-20mA, IB=-2.0mA
-
-
-0.5
V
Base-Emitter Saturation Voltage
* VBE(sat)
IC=-20mA, IB=-2.0mA
-
-
-0.9
V
Transition Frequency
fT
VCE=-20V, IC=-10mA, f=100MHz
50
-
-
MHz
Collector Output
Capacitance
MPSA92
Cob
VCB=-20V, IE=0, f=1MHz
-
-
6.0
pF
MPSA93
-
-
8.0
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base
Voltage
MPSA92
VCBO
-300
V
MPSA93
-200
Collector-Emitter
Voltage
MPSA92
VCEO
-300
V
MPSA93
-200
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Emitter Current
IE
500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
*Pulse Test : Pulse Width 300 S, Duty Cycle 2%


Similar Part No. - MPSA93

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA93 MOTOROLA-MPSA93 Datasheet
112Kb / 4P
   High Voltage Transistors
logo
Central Semiconductor C...
MPSA93 CENTRAL-MPSA93 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
logo
ON Semiconductor
MPSA93 ONSEMI-MPSA93 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
KEC(Korea Electronics)
MPSA93 KEC-MPSA93 Datasheet
311Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Siemens Semiconductor G...
MPSA93 SIEMENS-MPSA93 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistors
More results

Similar Description - MPSA93

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1279 KEC-KTA1279 Datasheet
59Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
MMBTA92 KEC-MMBTA92 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TELEPHONE)
KTA1716 KEC-KTA1716 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, TELEPHONE POWER-SUPPLY USE)
MMBTA42 KEC-MMBTA42 Datasheet
290Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
MPSA42 KEC-MPSA42 Datasheet
73Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE )
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com