Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1714 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1714
Description  Single/Dual, 7ns, Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1714 Datasheet(HTML) 4 Page - Linear Technology

  LT1714 Datasheet HTML 1Page - Linear Technology LT1714 Datasheet HTML 2Page - Linear Technology LT1714 Datasheet HTML 3Page - Linear Technology LT1714 Datasheet HTML 4Page - Linear Technology LT1714 Datasheet HTML 5Page - Linear Technology LT1714 Datasheet HTML 6Page - Linear Technology LT1714 Datasheet HTML 7Page - Linear Technology LT1714 Datasheet HTML 8Page - Linear Technology LT1714 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1713/LT1714
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM
Input Voltage Range
q
– 5.1
5.1
V
CMRR
Common Mode Rejection Ratio
– 5V
≤ VCM ≤ 5V
62
70
dB
q
60
dB
PSRR+
Positive Power Supply Rejection Ratio
2.4V
≤ V+ ≤ 7V, VCM = –5V
68
80
dB
q
65
dB
PSRR
Negative Power Supply Rejection Ratio
– 7V
≤ V≤ 0V, VCM = 5V
65
80
dB
q
60
dB
AV
Small-Signal Voltage Gain (Note 10)
1V
≤ VOUT ≤ 4V, RL =
1.5
3
V/mV
VOH
Output Voltage Swing HIGH (Note 8)
IOUT = 1mA, VOVERDRIVE = 50mV
q
4.5
4.8
V
IOUT = 10mA, VOVERDRIVE = 50mV
q
4.3
4.6
V
VOL
Output Voltage Swing LOW (Note 8)
IOUT = – 1mA, VOVERDRIVE = 50mV
q
0.20
0.4
V
IOUT = – 10mA, VOVERDRIVE = 50mV
q
0.35
0.5
V
I+
Positive Supply Current (Per Comparator)
VOVERDRIVE = 1V
5.5
7.5
mA
q
9.0
mA
I
Negative Supply Current (Per Comparator)
VOVERDRIVE = 1V
3.5
4.5
mA
q
5.0
mA
VIH
Latch Pin High Input Voltage
q
2.4
V
VIL
Latch Pin Low Input Voltage
q
0.8
V
IIL
Latch Pin Current
VLATCH = V+
q
10
µA
tPD
Propagation Delay (Note 6)
∆VIN = 100mV, VOVERDRIVE = 20mV
7
10
ns
∆VIN = 100mV, VOVERDRIVE = 20mV
q
12
ns
∆VIN = 100mV, VOVERDRIVE = 5mV
8.5
ns
∆tPD
Differential Propagation Delay (Note 6)
∆VIN = 100mV, VOVERDRIVE = 20mV
0.5
3
ns
tr
Output Rise Time
10% to 90%
4
ns
tf
Output Fall Time
90% to 10%
4
ns
tLPD
Latch Propagation Delay (Note 7)
8ns
tSU
Latch Setup Time (Note 7)
1.5
ns
tH
Latch Hold Time (Note 7)
0ns
tDPW
Minimum Latch Disable Pulse Width (Note 7)
8
ns
fMAX
Maximum Toggle Frequency
VIN = 100mVP-P Sine Wave
65
MHz
tJITTER
Output Timing Jitter
VIN = 630mVP-P (0dBm) Sine Wave, f = 30MHz
15
psRMS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 5V, V= – 5V, VCM = 0V, VLATCH = 0.8V, CLOAD = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1713C/LT1714C are guaranteed to meet specified
performance from 0
°C to 70°C. They are designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but are not
tested or QA sampled at these temperatures. The LT1713I/LT1714I are
guaranteed to meet specified performance from – 40
°C to 85°C.
Note 3: The negative supply should not be greater than the ground pin
voltages and the maximum voltage across the positive and negative
supplies should not be greater than 12V.
Note 4: Input offset voltage (VOS) is defined as the average of the two
voltages measured by forcing first one output, then the other to V+/2.
Note 5: Input bias current (IB) is defined as the average of the two input
currents.
Note 6: Propagation delay (tPD) is measured with the overdrive added to
the actual VOS. Differential propagation delay is defined as:
∆tPD = tPD+ – tPD–. Load capacitance is 10pF. Due to test system
requirements, the LT1713/LT1714 propagation delay is specified with a
1k
Ω load to ground for ±5V supplies, or to mid-supply for 2.7V or 5V
single supplies.
Note 7: Latch propagation delay (tLPD) is the delay time for the output to
respond when the latch pin is deasserted. Latch setup time (tSU) is the
interval in which the input signal must remain stable prior to asserting the
latch signal. Latch hold time (tH) is the interval after the latch is asserted in
which the input signal must remain stable. Latch disable pulse width
(tDPW) is the width of the negative pulse on the latch enable pin that
latches in new data on the data inputs.


Similar Part No. - LT1714

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1714 ETC1-LT1714 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1714 LINER-LT1714 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1714CGN LINER-LT1714CGN Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1714IGN LINER-LT1714IGN Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1714

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com