Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-AR12Z3010UR-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-AR12Z3010UR-XX
Description  12 bars, 30.4*10.1*8.0mm, LED light bar
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AR12Z3010UR-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-AR12Z3010UR-XX Datasheet HTML 1Page - BetLux Electronics BL-AR12Z3010UR-XX Datasheet HTML 2Page - BetLux Electronics BL-AR12Z3010UR-XX Datasheet HTML 3Page - BetLux Electronics BL-AR12Z3010UR-XX Datasheet HTML 4Page - BetLux Electronics BL-AR12Z3010UR-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED BARGRAPH DISPLAY
BL-AR12Z3010
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package & Circuit
Notes:
·All dimensions are in millimeters (inches)
·Tolerance is ±0.25(0.01")unless otherwise noted.
·Specifications are subject to change without notice.


Similar Part No. - BL-AR12Z3010UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR12Z3010UEUG-4-00 BETLUX-BL-AR12Z3010UEUG-4-00 Datasheet
57Kb / 3P
   LED BARGRAPH DISPLAY
BL-AR12Z3010UEUG-4-01 BETLUX-BL-AR12Z3010UEUG-4-01 Datasheet
57Kb / 3P
   LED BARGRAPH DISPLAY
BL-AR12Z3010UEUG-4-02 BETLUX-BL-AR12Z3010UEUG-4-02 Datasheet
57Kb / 3P
   LED BARGRAPH DISPLAY
BL-AR12Z3010UEUG-4-03 BETLUX-BL-AR12Z3010UEUG-4-03 Datasheet
57Kb / 3P
   LED BARGRAPH DISPLAY
BL-AR12Z3010UEUG-4-04 BETLUX-BL-AR12Z3010UEUG-4-04 Datasheet
57Kb / 3P
   LED BARGRAPH DISPLAY
More results

Similar Description - BL-AR12Z3010UR-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR10B2510 BETLUX-BL-AR10B2510 Datasheet
302Kb / 4P
   10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com