Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L542URC Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L542URC
Description  5mm Cylindrical LED lamp, FLAT TOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L542URC Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L542URC Datasheet HTML 1Page - BetLux Electronics BL-L542URC Datasheet HTML 2Page - BetLux Electronics BL-L542URC Datasheet HTML 3Page - BetLux Electronics BL-L542URC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cylindrical Type LED lamp
BL-L542
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
0.3g/pcs
1K pcs/bag
Maximum
6
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-L542URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L542URC BETLUX-BL-L542URC Datasheet
87Kb / 3P
   Cylindrical Type LED lamp
More results

Similar Description - BL-L542URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-FW00 AVAGO-HLMP-FW00 Datasheet
191Kb / 6P
   5mm Flat Top InGaN White LED Lamp
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
   5mm Cylindrical Yellow LED Lamp
logo
BetLux Electronics
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
logo
Kingbright Corporation
WP443HDT KINGBRIGHT-WP443HDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
   2mm FLAT TOP LED LAMP
WP13ID KINGBRIGHT-WP13ID Datasheet
72Kb / 3P
   2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com