Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L557UEC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L557UEC
Description  5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L557UEC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L557UEC Datasheet HTML 1Page - BetLux Electronics BL-L557UEC Datasheet HTML 2Page - BetLux Electronics BL-L557UEC Datasheet HTML 3Page - BetLux Electronics BL-L557UEC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oval Type LED lamp
BL-L557
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L557SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
250
BL-L557LRC
Super Red
AlGa As,DH
660
1.85
2.20
200
600
BL-L557URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
500
750
BL-L557UEC
Ultra Orange
AlGaInP
630
2.10
2.50
250
800
BL-L557UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
250
800
BL-L557UGC
Ultra Green
AlGaInP
574
2.20
2.50
100
250
BL-L557PGC
Ultra Pure Green
InGaN
525
3.80
4.50
600
1800
BL-L557BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
550
1500
BL-L557BC
Blue
InGaN
430
3.80
4.50
300
800
BL-L557UBC
Ultra Blue
InGaN
470
2.70
4.20
600
1500
BL-L557VC
UV
InGaN
405
3.80
4.50
50
90
BL-L557UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
1000
2300
X-X
70
Y-Y
40
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L557UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L557UEC BETLUX-BL-L557UEC Datasheet
70Kb / 3P
   Ovel Type LED lamp
More results

Similar Description - BL-L557UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L563 BETLUX-BL-L563 Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
BL-L555 BETLUX-BL-L555 Datasheet
230Kb / 4P
   5mm Oval Type (5.1*4.3*7.1mm) LED Lamps
logo
Everlight Electronics C...
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3_15 Datasheet
185Kb / 7P
   2.4*7.1mm Rectangular Type LED Lamps
573UYD EVERLIGHT-573UYD Datasheet
94Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURDS530-A3 EVERLIGHT-573SURDS530-A3 Datasheet
93Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD EVERLIGHT-573SYGD Datasheet
184Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD EVERLIGHT-573SURD Datasheet
107Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3 Datasheet
185Kb / 7P
   2.4*7.1MM RECTANGULAR TYPE LED LAMPS
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com