Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L557UGC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L557UGC
Description  5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L557UGC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L557UGC Datasheet HTML 1Page - BetLux Electronics BL-L557UGC Datasheet HTML 2Page - BetLux Electronics BL-L557UGC Datasheet HTML 3Page - BetLux Electronics BL-L557UGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oval Type LED lamp
BL-L557
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L557UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L557UGC BETLUX-BL-L557UGC Datasheet
70Kb / 3P
   Ovel Type LED lamp
More results

Similar Description - BL-L557UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L563 BETLUX-BL-L563 Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
BL-L555 BETLUX-BL-L555 Datasheet
230Kb / 4P
   5mm Oval Type (5.1*4.3*7.1mm) LED Lamps
logo
Everlight Electronics C...
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3_15 Datasheet
185Kb / 7P
   2.4*7.1mm Rectangular Type LED Lamps
573UYD EVERLIGHT-573UYD Datasheet
94Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURDS530-A3 EVERLIGHT-573SURDS530-A3 Datasheet
93Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD EVERLIGHT-573SYGD Datasheet
184Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD EVERLIGHT-573SURD Datasheet
107Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3 Datasheet
185Kb / 7P
   2.4*7.1MM RECTANGULAR TYPE LED LAMPS
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
   2.4*7.1mm Rectangular Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com