Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L817YGW Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L817YGW
Description  8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L817YGW Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L817YGW Datasheet HTML 1Page - BetLux Electronics BL-L817YGW Datasheet HTML 2Page - BetLux Electronics BL-L817YGW Datasheet HTML 3Page - BetLux Electronics BL-L817YGW Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
  
Round Type, Bi-color LED lamp
BL-L817
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Packing and weighting
9 Inner Box /Box
3 Inner Box /Box
Maximum
6
Bag/Inner Box
200pcs/bag
0.7g/pcs


Similar Part No. - BL-L817YGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L817YGW BETLUX-BL-L817YGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
More results

Similar Description - BL-L817YGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L819 BETLUX-BL-L819 Datasheet
311Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L315 BETLUX-BL-L315 Datasheet
228Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L2519 BETLUX-BL-L2519 Datasheet
227Kb / 4P
   2.0*5.0mm Rectangular Type BI-COLOR LED Lamps, with 3 leads
BL-L107EGW BETLUX-BL-L107EGW Datasheet
156Kb / 3P
   Round Type, Bi-color LED lamp
BL-L517EGW BETLUX-BL-L517EGW Datasheet
66Kb / 3P
   Round Type, Bi-color LED lamp
BL-L817EGW BETLUX-BL-L817EGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
BL-L315EGW BETLUX-BL-L315EGW Datasheet
74Kb / 3P
   Round Type, BI-COLOR LED lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com