Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3528B1S3 Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS3528B1S3
Description  3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3528B1S3 Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS3528B1S3 Datasheet HTML 1Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 2Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 3Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 4Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 5Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 6Page - BetLux Electronics BL-LS3528B1S3 Datasheet HTML 7Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD LED LAMP, BI-COLOR
BL-LS3528B1S3
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.3
Page 2 of 7
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-LS3528B1S3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528B0S2 BETLUX-BL-LS3528B0S2 Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B0S2PGC BETLUX-BL-LS3528B0S2PGC Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B0S2UBC BETLUX-BL-LS3528B0S2UBC Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B0S2UEC BETLUX-BL-LS3528B0S2UEC Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528B0S2UGC BETLUX-BL-LS3528B0S2UGC Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
More results

Similar Description - BL-LS3528B1S3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528B0S2 BETLUX-BL-LS3528B0S2 Datasheet
306Kb / 5P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
BL-LS2724A0S3RGBC BETLUX-BL-LS2724A0S3RGBC Datasheet
273Kb / 4P
   2.7*2.4mm SMD, PLCC4 package
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
   PLCC4 SMD LED
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
   PLCC4 SMD LED
logo
Cree, Inc
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
   PLCC4 SMD LED
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
   PLCC4 SMD LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com