Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3535B0S3URUGUBC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS3535B0S3URUGUBC
Description  3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3535B0S3URUGUBC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS3535B0S3URUGUBC Datasheet HTML 1Page - BetLux Electronics BL-LS3535B0S3URUGUBC Datasheet HTML 2Page - BetLux Electronics BL-LS3535B0S3URUGUBC Datasheet HTML 3Page - BetLux Electronics BL-LS3535B0S3URUGUBC Datasheet HTML 4Page - BetLux Electronics BL-LS3535B0S3URUGUBC Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD LED LAMP
BL-LS3535B0S3xxx
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.3
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
RGB type, Ultra brightness
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE: 500PCS/REEL
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
Red
AlGaAs
660
2.10
2.50
110
180
Green
GaP
574
2.20
2.50
28
50
BL-LS3535B0S3
RGBC
Blue
InGaN
470
3.10
4.20
70
120
Ultra Red
AlGaInP
630
2.10
2.50
280
420
Ultra Pure Green
InGaN
525
3.10
4.20
1300
1500
BL-LS3535B0S3
URUGUBC
Ultra Blue
InGaN
470
Water
Clear
3.10
4.20
450
500
120
Absolute maximum ratings (Ta=25°C)
Parameter
R
G
B
UR
UG
UB
U
nit
Forward Current IF
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS3535B0S3URUGUBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3535A0S1UWC-C150 BETLUX-BL-LS3535A0S1UWC-C150 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3535A0S1UWC-C30 BETLUX-BL-LS3535A0S1UWC-C30 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3535A0S1UWC-C60 BETLUX-BL-LS3535A0S1UWC-C60 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3535B0S3URUGUBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Cree, Inc
CLP6S-WKW CREE-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Bivar, Inc.
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
   PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com