Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS5050A1S3 Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-LS5050A1S3
Description  5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS5050A1S3 Datasheet(HTML) 5 Page - BetLux Electronics

  BL-LS5050A1S3 Datasheet HTML 1Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 2Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 3Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 4Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 5Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 6Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 7Page - BetLux Electronics BL-LS5050A1S3 Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD LED LAMP
BL-LS5050A1S3
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 5 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Color Temperature Bin
3000 K
7000 K
6500 K
6000 K
5500 K
5000 K
4500 K
4000 K
3500 K
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
x
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
W1
W2
W3
N1
N2
C1
CODE
x
y
CODE
X
Y
W1
0.4373
0.3893
N1
0.3670
0.3578
0.4562
0.4260
0.3736
0.3874
0.4813
0.4319
0.4006
0.4044
0.4593
0.3944
0.3898
0.3716
X
Y
X
Y
W2
0.4147
0.3814
N2
0.3481
0.3557
0.4299
0.4165
0.3376
0.3616
0.4562
0.4260
0.3592
0.3641
0.4373
0.3893
0.3670
0.3578
X
Y
X
Y
W3
0.3889
0.3690
C1
0.3160
0.3274
0.3996
0.4015
0.3028
0.3304
0.4299
0.4165
0.3265
0.3371
0.4147
0.3814
0.3364
0.3328


Similar Part No. - BL-LS5050A1S3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3RGBC BETLUX-BL-LS5050A0S3RGBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3URUGUBC BETLUX-BL-LS5050A0S3URUGUBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS5050A1S3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS3535B0S3 BETLUX-BL-LS3535B0S3 Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
BL-LS5050B1S1-1W BETLUX-BL-LS5050B1S1-1W Datasheet
298Kb / 4P
   1W LEDs , 5.0mmx5.0mm SMD, 1.8mm THICKNESS SOP6 package
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Cree, Inc
CLP6S-WKW CREE-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Bivar, Inc.
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
   PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com