Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS5050A1S3UGC Datasheet(PDF) 6 Page - BetLux Electronics

Part # BL-LS5050A1S3UGC
Description  5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS5050A1S3UGC Datasheet(HTML) 6 Page - BetLux Electronics

  BL-LS5050A1S3UGC Datasheet HTML 1Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 2Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 3Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 4Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 5Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 6Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 7Page - BetLux Electronics BL-LS5050A1S3UGC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD LED LAMP
BL-LS5050A1S3
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 6 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
CODE x
y
CODE x
y
CODE x
y
CODE x
y
1
0.4582
0.4099
8
0.4147
0.3814
15
0.3702
0.3722
22
0.3481
0.3557
0.4687
0.4289
0.4221
0.3984
0.3736
0.3874
0.3370
0.3472
0.4813
0.4319
0.4342
0.4028
0.3869
0.3958
0.3364
0.3328
0.4700
0.4126
0.4259
0.3853
0.3825
0.3798
0.3466
0.3411
2
0.4483
0.3919
9
0.4080
0.3916
16
0.3670
0.3578
23
0.3376
0.3616
0.4582
0.4099
0.4146
0.4089
0.3702
0.3722
0.3260
0.3512
0.4700
0.4126
0.4299
0.4165
0.3825
0.3798
0.3265
0.3371
0.4593
0.3944
0.4221
0.3984
0.3783
0.3646
0.3370
0.3472
3
0.4465
0.4071
10
0.4017
0.3751
17
0.3736
0.3874
24
0.3370
0.3472
0.4562
0.4260
0.4080
0.3916
0.3616
0.3788
0.3265
0.3371
0.4687
0.4289
0.4221
0.3984
0.3592
0.3641
0.3270
0.3230
0.4582
0.4099
0.4147
0.3814
0.3703
0.3726
0.3364
0.3328
4
0.4373
0.3893
11
0.3941
0.3848
18
0.3703
0.3726
25
0.3260
0.3512
0.4465
0.4071
0.3996
0.4015
0.3592
0.3641
0.3144
0.3408
0.4582
0.4099
0.4146
0.4089
0.3568
0.3495
0.3160
0.3274
0.4483
0.3919
0.4080
0.3916
0.3670
0.3578
0.3265
0.3371
5
0.4342
0.4028
12
0.3889
0.3690
19
0.3616
0.3788
26
0.3265
0.3371
0.4430
0.4212
0.3941
0.3848
0.3496
0.3702
0.3160
0.3274
0.4562
0.4260
0.4080
0.3916
0.3481
0.3557
0.3175
0.3139
0.4465
0.4071
0.4017
0.3751
0.3592
0.3641
0.3270
0.3230
6
0.4259
0.3853
13
0.3825
0.3798
20
0.3592
0.3641
27
0.3144
0.3408
0.4342
0.4028
0.3869
0.3958
0.3481
0.3557
0.3028
0.3304
0.4465
0.4071
0.4006
0.4044
0.3466
0.3411
0.3055
0.3177
0.4373
0.3893
0.3950
0.3875
0.3568
0.3495
0.3160
0.3274
7
0.4221
0.3984
14
0.3783
0.3646
21
0.3496
0.3702
28
0.3160
0.3274
0.4299
0.4165
0.3825
0.3798
0.3376
0.3616
0.3055
0.3177
0.4430
0.4212
0.3950
0.3875
0.3370
0.3472
0.3081
0.3049
0.4342
0.4028
0.3898
0.3716
0.3481
0.3557
0.3175
0.3139


Similar Part No. - BL-LS5050A1S3UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3RGBC BETLUX-BL-LS5050A0S3RGBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3URUGUBC BETLUX-BL-LS5050A0S3URUGUBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS5050A1S3UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS3535B0S3 BETLUX-BL-LS3535B0S3 Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
BL-LS5050B1S1-1W BETLUX-BL-LS5050B1S1-1W Datasheet
298Kb / 4P
   1W LEDs , 5.0mmx5.0mm SMD, 1.8mm THICKNESS SOP6 package
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Cree, Inc
CLP6S-WKW CREE-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Bivar, Inc.
SMTL6-RC BIVAR-SMTL6-RC Datasheet
737Kb / 5P
   PLCC6 SMD Top View Package LED SMTL6-RC, RED
Revision A 02/16
SMTL6-BWC BIVAR-SMTL6-BWC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-BWC, BLUE
Revision B 10/22
SMTL6-GC BIVAR-SMTL6-GC Datasheet
1Mb / 6P
   PLCC6 SMD Top View Package LED SMTL6-GC, GREEN
Revision B 06/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com