Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS5630A1S1UBC-1W Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS5630A1S1UBC-1W
Description  1W LEDs , 5.6mmx3.0mm SMD, 0.9mm THICKNESS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS5630A1S1UBC-1W Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS5630A1S1UBC-1W Datasheet HTML 1Page - BetLux Electronics BL-LS5630A1S1UBC-1W Datasheet HTML 2Page - BetLux Electronics BL-LS5630A1S1UBC-1W Datasheet HTML 3Page - BetLux Electronics BL-LS5630A1S1UBC-1W Datasheet HTML 4Page - BetLux Electronics BL-LS5630A1S1UBC-1W Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Power LED
BL-LS5630A1S1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.1
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
1W LEDs , 5.6mmx3.0mm SMD, 0.9mm THICKNESS
Longer service and less luminosity loss, 50,000hours
Different emitting colors are available Working current: 200-350mA
With or without heat sink are both available
PACKAGE: 2000PCS/REEL
Applications:
Commercial lighting
Residential lighting
Decorative lighting
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=120mA)
Part Number
Chip
Lens
Type
Forward
Voltage(VF)
Unit:V
Flux
Unit:lm
View
ing
Angl
e
2θ1/2
(deg)
Emitted Color
P
(nm) or
CTT
Typ
Max
Min.
Typ.
BL-LS5630A1S1UEC-1W
Ultra Red
630
Water
Clear
2.2
2.75
4000
6000
120
BL-LS5630A1S1UYC-1W
Ultra Yellow
590
2.2
2.75
4000
6000
BL-LS5630A1S1PGC-1W
Ultra Pure Green
525
3.2
3.8
7000
10000
BL-LS5630A1S1UBC-1W
Ultra Blue
470
3.2
3.8
7000
10000
BL-LS5630A1S1UWC-1W
Ultra White
-
3.2
3.8
10000
15000
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UY
PG
UB
UW
Unit
Forward Current IF
180
180
180
180
180
mA
LED Junction Temperature
120
120
120
120
120
°C
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
300
300
300
300
300
mA
Operation Temperature TOPR
-40to+80
°C
Storage Temperature TSTG
-40to+100
°C
Aluminum-Core Pcb
Temperature
105
°C


Similar Part No. - BL-LS5630A1S1UBC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3RGBC BETLUX-BL-LS5050A0S3RGBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3URUGUBC BETLUX-BL-LS5050A0S3URUGUBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3PGC BETLUX-BL-LS5050A1S3PGC Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS5630A1S1UBC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050B1S1-1W BETLUX-BL-LS5050B1S1-1W Datasheet
298Kb / 4P
   1W LEDs , 5.0mmx5.0mm SMD, 1.8mm THICKNESS SOP6 package
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
logo
List of Unclassifed Man...
LT1D73 ETC-LT1D73 Datasheet
101Kb / 5P
   2.7551.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Sharp Corporation
LT1T73A SHARP-LT1T73A Datasheet
101Kb / 5P
   2.7X51.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
   5.6 x 3.0 x 0.9mm SMD
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
logo
BetLux Electronics
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
logo
EUROQUARTZ limited
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com