Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS5730A1S1UWC-0.5W Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-LS5730A1S1UWC-0.5W
Description  SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS5730A1S1UWC-0.5W Datasheet(HTML) 3 Page - BetLux Electronics

  BL-LS5730A1S1UWC-0.5W Datasheet HTML 1Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 2Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 3Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 4Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 5Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 6Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 7Page - BetLux Electronics BL-LS5730A1S1UWC-0.5W Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD LED
BL-LS5730A1S1UWC-0.5W
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 3 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Color Temperature BIN
CODE
x
y
CODE
X
Y
W1
0.4373
0.3893
N1
0.3670
0.3578
0.4562
0.4260
0.3736
0.3874
0.4813
0.4319
0.4006
0.4044
0.4593
0.3944
0.3898
0.3716
XY
XY
W2
0.4147
0.3814
N2
0.3481
0.3557
0.4299
0.4165
0.3376
0.3616
0.4562
0.4260
0.3592
0.3641
0.4373
0.3893
0.3670
0.3578
XY
XY
W3
0.3889
0.3690
C1
0.3160
0.3274
0.3996
0.4015
0.3028
0.3304
0.4299
0.4165
0.3265
0.3371
0.4147
0.3814
0.3364
0.3328
CODE
xyCODE
xyCODE
xyCODE
x
y
1
0.4582
0.4099
8
0.4147
0.3814
15
0.3702
0.3722
22
0.3481
0.3557
0.4687
0.4289
0.4221
0.3984
0.3736
0.3874
0.3370
0.3472


Similar Part No. - BL-LS5730A1S1UWC-0.5W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3RGBC BETLUX-BL-LS5050A0S3RGBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3URUGUBC BETLUX-BL-LS5050A0S3URUGUBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3PGC BETLUX-BL-LS5050A1S3PGC Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS5730A1S1UWC-0.5W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS7020A1S1 BETLUX-BL-LS7020A1S1 Datasheet
458Kb / 8P
   SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
logo
A-BRIGHT Inc
AL-HG636D A-BRIGHT-AL-HG636D Datasheet
339Kb / 5P
   Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APHM1608VRBXF-A-5MAV TO-GRACE-APHM1608VRBXF-A-5MAV Datasheet
767Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW436D A-BRIGHT-AL-HW436D Datasheet
340Kb / 5P
   White SMD Chip LED Lamps (0.8mm Height)
2006/10/18
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HUB36D A-BRIGHT-AL-HUB36D Datasheet
340Kb / 5P
   Super Red SMD Chip LED Lamps (0.8mm Height)
2007/3/14
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com