Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS7020A1S1UWC-1W Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS7020A1S1UWC-1W
Description  SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS7020A1S1UWC-1W Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS7020A1S1UWC-1W Datasheet HTML 1Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 2Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 3Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 4Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 5Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 6Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 7Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMD LED
BL-LS7020A0S1
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 2 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
BIN CODE SYSTEM
SELECTION CODE FOR Luminous Flux
brightness(lm)
brightness(lm)
Group
min
max
Group
min
max
C1
30
40
C6
80
90
C2
40
50
C7
90
100
C3
50
60
D0
100
120
C4
60
70
D1
120
140
C5
70
80
tolerance of measurement of luminous intensity is +-15%
forward voltage Ranks
Voltage (V)
Voltage (V)
Group
min
max
Group
min
max
F
2.8
3 K
3.6
3.8
G
3
3.2 L
3.8
4
H
3.2
3.4
J
3.4
3.6
forward voltage Ranks
Voltage (V)
Voltage (V)
Group
min
max
Group
min
max
F0
2.8
2.9 K0
3.6
3.7
F1
2.9
3 K1
3.7
3.8
G0
3
3.1 L0
3.8
3.9
G1
3.1
3.2 L1
3.9
4
H0
3.2
3.3
H1
3.3
3.4
J0
3.4
3.5
J1
3.5
3.6
tolerance of measurement of forward voltage is +-0.05v


Similar Part No. - BL-LS7020A1S1UWC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS0402EC BETLUX-BL-LS0402EC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402GC BETLUX-BL-LS0402GC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402LRC BETLUX-BL-LS0402LRC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402SRC BETLUX-BL-LS0402SRC Datasheet
91Kb / 4P
   SMD LED LAMP
More results

Similar Description - BL-LS7020A1S1UWC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5730A1S1 BETLUX-BL-LS5730A1S1 Datasheet
308Kb / 8P
   SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
logo
A-BRIGHT Inc
AL-HG636D A-BRIGHT-AL-HG636D Datasheet
339Kb / 5P
   Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APHM1608VRBXF-A-5MAV TO-GRACE-APHM1608VRBXF-A-5MAV Datasheet
767Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW436D A-BRIGHT-AL-HW436D Datasheet
340Kb / 5P
   White SMD Chip LED Lamps (0.8mm Height)
2006/10/18
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HUB36D A-BRIGHT-AL-HUB36D Datasheet
340Kb / 5P
   Super Red SMD Chip LED Lamps (0.8mm Height)
2007/3/14
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com