Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-253ID1F-I1 Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-253ID1F-I1
Description  Hi-Eff Red LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-253ID1F-I1 Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-253ID1F-I1_15 Datasheet HTML 1Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 2Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 3Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 4Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 5Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 6Page - Lucky Light Electronic LL-253ID1F-I1_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No.: A006 X450
Rev No.: V.2
Date: Aug/26/2005
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Features:
Descriptions:
Applications:
Low power consumption.
Wide viewing angle.
Reliable and rugged.
Excellent uniformity of light output.
Ideal as flush mounted panel indicators.
Long life-sold state reliability.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.


Similar Part No. - LL-253ID1F-I1_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   2횞5mm Rectangular Without Flange Type Hi-Eff Red LED Technical Data Sheet
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
More results

Similar Description - LL-253ID1F-I1_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS_15 Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1_15 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
logo
P-tec Corporation
PL24-CTR12 P-TEC-PL24-CTR12 Datasheet
35Kb / 1P
   10mm Hi-Eff Red LED
PL22-CDR12 P-TEC-PL22-CDR12 Datasheet
29Kb / 1P
   8mm Hi-Eff Red LED
logo
Lucky Light Electronic
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A Datasheet
166Kb / 9P
   Hi-Eff Red & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com