Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-259IGM1G-I1-2A Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # LL-259IGM1G-I1-2A
Description  Hi-Eff Red & Yellow Green LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-259IGM1G-I1-2A Datasheet(HTML) 5 Page - Lucky Light Electronic

  LL-259IGM1G-I1-2A_15 Datasheet HTML 1Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 2Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 3Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 4Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 5Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 6Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 7Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 8Page - Lucky Light Electronic LL-259IGM1G-I1-2A_15 Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Luckylight
Spec No.: A010 X400
Rev No.: V.2
Date: Dec/26/2005
Page: 5 OF 9
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylight.cn
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol Emitting
Color
Min.
Typ. Max.
Unit Test Condition
Red
1
3
---
Luminous Intensity *
IV
Yellow
Green
1
3
---
mcd
IF=10mA
(Note 1)
Red
---
70
---
Viewing Angle *
1/2
Yellow
Green
---
70
---
Deg
IF=20mA
(Note 2)
Red
---
640
---
Peak Emission
Wavelength
λp
Yellow
Green
---
565
---
nm
IF=20mA
Red
---
630
---
Dominant
Wavelength
λd
Yellow
Green
---
570
---
nm
IF=20mA
(Note 3)
Red
1.60
2.00
2.60
Forward Voltage
VF
Yellow
Green
1.60
2.20
2.60
V
IF=20mA
Red
---
---
10
Reverse Current
IR
Yellow
Green
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-259IGM1G-I1-2A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-259IGM1G-I1-2A LUCKY-LIGHT-LL-259IGM1G-I1-2A Datasheet
142Kb / 9P
   2횞5mm Bi-Color With Common Cathode Type Hi-Eff Red & Yellow Green LED Technical Data Sheet
LL-259IGM1G-I1-2A LUCKY-LIGHT-LL-259IGM1G-I1-2A Datasheet
142Kb / 9P
   Hi-Eff Red & Yellow Green LED
More results

Similar Description - LL-259IGM1G-I1-2A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A Datasheet
166Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-309IGM2E-I1-2A LUCKY-LIGHT-LL-309IGM2E-I1-2A_15 Datasheet
166Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-257IGM1G-I1-2A LUCKY-LIGHT-LL-257IGM1G-I1-2A_15 Datasheet
147Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-3010IGM2E-I1-2A LUCKY-LIGHT-LL-3010IGM2E-I1-2A_15 Datasheet
148Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-257IGM1G-I1-2A LUCKY-LIGHT-LL-257IGM1G-I1-2A Datasheet
147Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-259IGM1G-I1-2A LUCKY-LIGHT-LL-259IGM1G-I1-2A Datasheet
142Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-3010IGM2E-I1-2A LUCKY-LIGHT-LL-3010IGM2E-I1-2A Datasheet
148Kb / 9P
   Hi-Eff Red & Yellow Green LED
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS_15 Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com