Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9310TRL Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # IRFR9310TRL
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

IRFR9310TRL Datasheet(HTML) 1 Page - Lucky Light Electronic

  IRFR9310TRL_15 Datasheet HTML 1Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 2Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 3Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 4Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 5Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 6Page - Lucky Light Electronic IRFR9310TRL_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.kersemi.com
1
Power MOSFET
IRFR9310, IRFU9310, SiHFR9310, SiHFU9310
FEATURES
• P-Channel
• Surface Mount (IRFR9310/SiHFR9310)
• Straight Lead (IRFU9310/SiHFU9310)
• Advanced Process Technology
• Fast Switching
• Fully Avalanche Rated
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize
advanced
processing
techniques
to
achieve
low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU/SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface mount applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
- 400
RDS(on) (Ω)VGS = - 10 V
7.0
Qg (Max.) (nC)
13
Qgs (nC)
3.2
Qgd (nC)
5.0
Configuration
Single
S
G
D
P-Channel MOSFET
D PAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR9310PbF
IRFR9310TRLPbFa
IRFR9310TRPbFa
IRFR9310TRRPbFa
IRFU9310PbF
SiHFR9310-E3
SiHFR9310TL-E3a
SiHFR9310T-E3a
SiHFR9310TR-E3a
SiHFU9310-E3
SnPb
IRFR9310
IRFR9310TRLa
IRFR9310TRa
-
IRFU9310
SiHFR9310
SiHFR9310TLa
SiHFR9310Ta
-
SiHFU9310
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 400
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 1.8
A
TC = 100 °C
- 1.1
Pulsed Drain Currenta
IDM
- 7.2
Linear Derating Factor
0.40
W/°C
Single Pulse Avalanche Energyb
EAS
92
mJ
Repetitive Avalanche Currenta
IAR
- 1.8
A
Repetitive Avalanche Energya
EAR
5.0
mJ
Maximum Power Dissipation
TC = 25 °C
PD
50
W
Peak Diode Recovery dV/dtc
dV/dt
- 24
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d


Similar Part No. - IRFR9310TRL_15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR9310TRLA KERSEMI-IRFR9310TRLA Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR9310TRLPBF VISHAY-IRFR9310TRLPBF Datasheet
832Kb / 8P
   Power MOSFET
S-81378-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9310TRLPBF KERSEMI-IRFR9310TRLPBF Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR9310TRLPBF-BE3 VISHAY-IRFR9310TRLPBF-BE3 Datasheet
267Kb / 13P
   Power MOSFET
01-Jan-2022
logo
Kersemi Electronic Co.,...
IRFR9310TRLPBFA KERSEMI-IRFR9310TRLPBFA Datasheet
3Mb / 7P
   Power MOSFET
More results

Similar Description - IRFR9310TRL_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com