Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFRU9120N Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # IRFRU9120N
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

IRFRU9120N Datasheet(HTML) 2 Page - Lucky Light Electronic

  IRFRU9120N_15 Datasheet HTML 1Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 2Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 3Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 4Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 5Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 6Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 7Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 8Page - Lucky Light Electronic IRFRU9120N_15 Datasheet HTML 9Page - Lucky Light Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -3.9A, VGS = 0V
„
trr
Reverse Recovery Time
–––
100
150
ns
TJ = 25°C, IF = -4.0A
Qrr
Reverse Recovery Charge
–––
420
630
nC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
-6.6
-26
A
Notes:
…This is applied for I-PAK, L
S of D-PAK is measured between
lead and center of die contact
‚ Starting T
J = 25°C, L = 13mH
RG = 25Ω, IAS = -3.9A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -4.0A, di/dt ≤ 300A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.11 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.48
VGS = -10V, ID = -3.9A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.4
–––
–––
S
VDS = -50V, ID = -4.0A
†
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
27
ID = -4.0A
Qgs
Gate-to-Source Charge
–––
–––
5.0
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
15
VGS = -10V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -50V
tr
Rise Time
–––
47
–––
ID = -4.0A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 12 Ω
tf
Fall Time
–––
31
–––
RD =12 Ω, See Fig. 10
„†
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
…
Ciss
Input Capacitance
–––
350
–––
VGS = 0V
Coss
Output Capacitance
–––
110
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
70
–––
ƒ = 1.0MHz, See Fig. 5
†
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
† Uses IRF9520N data and test conditions.
IRFR/U9120N
www.kersemi.com
2 / 10


Similar Part No. - IRFRU9120N_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
logo
Kersemi Electronic Co.,...
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
IRFRU9120N KERSEMI-IRFRU9120N Datasheet
1Mb / 10P
   Power MOSFET
More results

Similar Description - IRFRU9120N_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com