Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-483UAC1C-3A Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # LL-483UAC1C-3A
Description  Ultra Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-483UAC1C-3A Datasheet(HTML) 1 Page - Lucky Light Electronic

  LL-483UAC1C-3A_15 Datasheet HTML 1Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 2Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 3Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 4Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 5Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 6Page - Lucky Light Electronic LL-483UAC1C-3A_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Aug/11/2009
Page: 1 OF 7
Approved: JoJo
Checked: Wu
Drawn:Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Part No.: LL-483UAC1C-3A
4.8mm Round Wide Viewing Angle Type
Ultra Amber LED
Technical Data Sheet


Similar Part No. - LL-483UAC1C-3A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-483UAC1C-3A LUCKY-LIGHT-LL-483UAC1C-3A Datasheet
134Kb / 7P
   4.8mm Round Wide Viewing Angle Type Ultra Amber LED Technical Data Sheet
LL-483UAC1C-3A LUCKY-LIGHT-LL-483UAC1C-3A Datasheet
134Kb / 7P
   Ultra Amber LED
More results

Similar Description - LL-483UAC1C-3A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-483UAC1C-1A LUCKY-LIGHT-LL-483UAC1C-1A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-2A LUCKY-LIGHT-LL-483UAC1C-2A_15 Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-3A LUCKY-LIGHT-LL-483UAC1C-3A Datasheet
134Kb / 7P
   Ultra Amber LED
LL-483UAC1C-2A LUCKY-LIGHT-LL-483UAC1C-2A Datasheet
134Kb / 7P
   Ultra Amber LED
LL-503UAC1E-1A LUCKY-LIGHT-LL-503UAC1E-1A Datasheet
137Kb / 7P
   Ultra Amber LED
LL-503UAC1E-2A LUCKY-LIGHT-LL-503UAC1E-2A Datasheet
137Kb / 7P
   Ultra Amber LED
LL-503UAC1E-2A LUCKY-LIGHT-LL-503UAC1E-2A_15 Datasheet
137Kb / 7P
   Ultra Amber LED
LL-483UAC1C-1A LUCKY-LIGHT-LL-483UAC1C-1A Datasheet
134Kb / 7P
   Ultra Amber LED
LL-503UAC1E-1A LUCKY-LIGHT-LL-503UAC1E-1A_15 Datasheet
137Kb / 7P
   Ultra Amber LED
logo
P-tec Corporation
PL24-WCA16 P-TEC-PL24-WCA16 Datasheet
77Kb / 1P
   10mm Ultra Bright Amber LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com