Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4250L Datasheet(PDF) 4 Page - Linear Technology

Part # LT4250L
Description  Negative 48V Hot Swap Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250L Datasheet(HTML) 4 Page - Linear Technology

  LT4250L_15 Datasheet HTML 1Page - Linear Technology LT4250L_15 Datasheet HTML 2Page - Linear Technology LT4250L_15 Datasheet HTML 3Page - Linear Technology LT4250L_15 Datasheet HTML 4Page - Linear Technology LT4250L_15 Datasheet HTML 5Page - Linear Technology LT4250L_15 Datasheet HTML 6Page - Linear Technology LT4250L_15 Datasheet HTML 7Page - Linear Technology LT4250L_15 Datasheet HTML 8Page - Linear Technology LT4250L_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT4250L/LT4250H
4
4250lhfa
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Voltage vs Temperature
Current Limit Trip Voltage
vs Temperature
Gate Pull-Up Current
vs Temperature
Gate Pull-Down Current
vs Temperature
PWRGD Output Low Voltage
vs Temperature (LT4250L)
PWRGD Output Impedance
vs Temperature (LT4250H)
Supply Current vs Supply Voltage
Supply Current vs Temperature
Gate Voltage vs Supply Voltage
SUPPLY VOLTAGE (V)
0
1.3
1.4
1.5
60
100
4250 G01
1.2
1.1
0
20
40
80
1.6
1.7
1.8
TA = 25°C
TEMPERATURE (°C)
–50
–25
1.0
1.1
1.2
1.3
1.4
1.6
025
50
75
4250 G02
100
1.5
VDD = 48V
SUPPLY VOLTAGE (V)
0
6
7
9
10
11
40
80
100
15
4250 G03
8
20
60
12
13
14
TA = 25°C
TEMPERATURE (°C)
12.0
13.0
14.0
15.0
12.5
13.5
14.5
–25
0
75
4250 G04
100
–50
25
50
VDD = 48V
TEMPERATURE (°C)
–50
48
49
51
52
53
55
25
0
50
4250 G05
50
54
100
–25
75
TEMPERATURE (°C)
–50
48
47
46
45
44
43
42
41
40
75
4250 G06
–25
100
50
25
0
VGATE = 0V
TEMPERATURE (°C)
–50
49
52
55
75
4250 G07
46
43
40
–25
0
25
50
100
VGATE = 2V
TEMPERATURE (°C)
–50
0.3
0.4
0.5
75
4250 G08
0.2
0.1
0
–25
25
0
50
100
IOUT = 1mA
TEMPERATURE (°C)
–50
2
3
4
5
6
7
8
–25
25
050
75
4250 G09
100
VDRAIN – VEE > 2.4V


Similar Part No. - LT4250L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250LCN8 LINER-LT4250LCN8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
LT4250LCS8 LINER-LT4250LCS8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
LT4250LIN8 LINER-LT4250LIN8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
LT4250LIS8 LINER-LT4250LIS8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results

Similar Description - LT4250L_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com