Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5570 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 3 Page - Linear Technology

  LT5570_15 Datasheet HTML 1Page - Linear Technology LT5570_15 Datasheet HTML 2Page - Linear Technology LT5570_15 Datasheet HTML 3Page - Linear Technology LT5570_15 Datasheet HTML 4Page - Linear Technology LT5570_15 Datasheet HTML 5Page - Linear Technology LT5570_15 Datasheet HTML 6Page - Linear Technology LT5570_15 Datasheet HTML 7Page - Linear Technology LT5570_15 Datasheet HTML 8Page - Linear Technology LT5570_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5570
3
5570f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fRF = 880MHz
RF Input Power Range
CW Input; 1:4 Balun Matched into 50Ω Source
–48 to 13
dBm
Linear Dynamic Range (Note 5)
±1dB Linearity Error, TA = –40°C to 85°C
61
dB
Output Slope
37.7
mV/dB
Logarithmic Intercept
–51.9
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
–40°C < TA < 85°C; PIN = –47dBm to 13dBm
±0.4
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.3
0.2
dB
2nd Order Harmonic Distortion
At RF Input; CW Input; PIN = 10dBm
60
dBc
3rd Order Harmonic Distortion
At RF Input; CW Input; PIN = 10dBm
61
dBc
fRF = 2140MHz
RF Input Power Range
CW Input; 1:4 Balun Matched into 50Ω Source
–38 to 13
dBm
Linear Dynamic Range (Note 5)
±1dB Linearity Error, TA = –40°C to 85°C
47
51
dB
Output Slope
34.8
36.5
39.0
mV/dB
Logarithmic Intercept
–43.6
–40.6
–37.6
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
–40°C < TA < 85°C; PIN = –36dBm to 13dBm
±0.3
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.1
0.2
dB
dB
fRF = 2700MHz
RF Input Power Range
CW Input; 1:4 Balun Matched into 50Ω Source
–35 to 13
dBm
Linear Dynamic Range (Note 5)
±1dB Linearity Error, TA = –40°C to 85°C
48
dB
Output Slope
36.4
mV/dB
Logarithmic Intercept
–38.5
dBm
Output Variation vs Temperature
Normalized to Output at 25°C
–40°C < TA < 85°C; PIN = –31dBm to 13dBm
±0.2
dB
Deviation from CW Response
11dB Peak to Average Ratio (3-Carrier CDMA2K)
12dB Peak to Average Ratio (4-Carrier WCDMA)
0.1
0.5
dB
Output
Output DC Voltage
No RF Signal Present
0.1
V
Output Impedance
100
Ω
Sourcing/Sinking
5/2.5
mA
Rise Time
0.2V to 1.6V, 10% to 90%, C1 = 22nF, fRF = 2140MHz
0.5
μS
Fall Time
1.6V to 0.2V, 90% to 10%, C1 = 22nF, fRF = 2140MHz
8
μS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, EN = 5V, unless otherwise noted. Test circuits are shown in
Figures 1 and 3. (Notes 2 and 3).


Similar Part No. - LT5570_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570IDD-PBF LINER-LT5570IDD-PBF Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
LT5570IDD-TRPBF LINER-LT5570IDD-TRPBF Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
More results

Similar Description - LT5570_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570 Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com