Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6100 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6100
Description  Precision, Gain Selectable High Side Current Sense Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 4 Page - Linear Technology

  LT6100_15 Datasheet HTML 1Page - Linear Technology LT6100_15 Datasheet HTML 2Page - Linear Technology LT6100_15 Datasheet HTML 3Page - Linear Technology LT6100_15 Datasheet HTML 4Page - Linear Technology LT6100_15 Datasheet HTML 5Page - Linear Technology LT6100_15 Datasheet HTML 6Page - Linear Technology LT6100_15 Datasheet HTML 7Page - Linear Technology LT6100_15 Datasheet HTML 8Page - Linear Technology LT6100_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT6100
4
6100fd
For more information www.linear.com/LT6100
ELECTRICAL CHARACTERISTICS
The l denotes specifications which apply over the temperature range –40°C ≤ TA ≤ 85°C (LT6100I), otherwise specifications are
TA = 25°C. VCC = 5V, VEE = 0V, VS+ = VCC + 1.4V unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS–, VS+
Sense Amplifier Supply Voltage
VCC = 2.7V
l
4.1
48
V
VSENSE
Input Sense Voltage Full Scale
VSENSE = VS+ – VS–, VCC = 3V, AV = 10V/V
VSENSE = VS+ – VS–, VCC = 5V, AV = 10V/V
l
l
110
300
mV
mV
VOS
Input Offset Voltage (MS Package)
IOUT = 0
l
–300
–550
±80
300
550
µV
µV
Input Offset Voltage (DD Package)
IOUT = 0
l
–350
–600
±80
350
600
µV
µV
VOS TC
Temperature Coefficient of VOS
(Note 6)
l
0.5
3
µV/°C
AV
Gain, VOUT/VSENSE
VSENSE = 50mV to 80mV, AV = 10V/V
LT6100MS8
LT6100DD8
l
9.95
9.94
9.90
10.05
10.06
10.10
V/V
V/V
V/V
VS = 48V, VSENSE = 50mV to 80mV, AV = 10V/V
l
9.90
10.10
V/V
Output Voltage Gain Error (Note 7)
VSENSE = 50mV to 80mV,
AV = 10, 12.5, 20, 25, 40, 50V/V
LT6100MS8
LT6100DD8
l
–0.5
–0.6
–1.0
0.5
0.6
1.0
%
%
%
VS = 48V, VSENSE = 50mV to 80mV,
AV = 10, 12.5, 20, 25, 40, 50V/V
l
–1.0
1.0
%
VS CMRR
VS Sense Input Common Mode
Rejection Ratio
VSENSE = 50mV, VCC = 2.7V, VS = 4.1V to 36V
l
105
100
120
120
dB
dB
VCC PSRR
VCC Supply Rejection Ratio
VSENSE = 50mV, VS = 36V, VCC = 3V to 30V
l
105
100
120
120
dB
dB
VCC
Supply Voltage VCC
l
2.7
36
V
BW
Bandwidth
AV = 10V/V, fO = –3dB, VCC = 15V
AV = 50V/V, fO = –3dB, VCC = 15V
100
20
150
50
kHz
kHz
tS
Output Settling to 1% Final Value
VSENSE = 10mV to 100mV
15
µs
IS+(O), IS–(O) Sense Input Current
VSENSE = 0V
l
4.5
10
µA
ICC(O)
Supply Current
VSENSE = 0V
l
60
145
µA
SR
Slew Rate (Note 8)
VCC = 15V, VSENSE = 26mV to 380mV, AV = 50V/V
l
0.03
0.02
0.05
0.05
V/µs
V/µs
ISC
Short-Circuit Current
ISC+, ISC–
8
15
mA
Reverse VS Supply
IS(TOTAL) = –200µA, VCC = Open
l
50
60
V
VO(MIN)
Minimum Output Voltage
VSENSE = 0V, No Load
VSENSE = VS+ – VS– = –100mV, AV = 50V/V, No
Load
l
15
15
30
25
mV
mV
VO(MAX)
Output High (Referred to VCC)
AV = 50V/V, VSENSE = 100mV, IL = 0
VSENSE = 100mV, IL = 100µA
VSENSE = 100mV, IL = 500µA
VSENSE = 100mV, IL = 1mA
l
l
l
l
75
85
125
175
125
150
250
400
mV
mV
mV
mV
IS+, IS– (Off) Sense Input Current (Power Down)
VCC = 0V, VS = 48V, VSENSE = 0V
l
0.001
1
µA


Similar Part No. - LT6100_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6100CDD LINER-LT6100CDD Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
LT6100CMS8 LINER-LT6100CMS8 Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
LT6100HDD LINER-LT6100HDD Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
LT6100HMS8 LINER-LT6100HMS8 Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
LT6100IDD LINER-LT6100IDD Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
More results

Similar Description - LT6100_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
   Precision, Gain Selectable High Side Current Sense Amplifier
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
   Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
   Sense current amplifier with selectable gain
2003 Nov 10
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
   Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
   Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com