Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-509YGM2E-2Y-2A Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-509YGM2E-2Y-2A
Description  Yellow & Yellow Green LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-509YGM2E-2Y-2A Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-509YGM2E-2Y-2A_15 Datasheet HTML 1Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 2Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 3Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 4Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 5Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 6Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 7Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 8Page - Lucky Light Electronic LL-509YGM2E-2Y-2A_15 Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Luckylight
Spec No.: B508 X360
Rev No.: V.2
Date: Sep/18/2009
Page: 2 OF 9
Approved: JoJo
Checked: Wu
Drawn:Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Features:
Descriptions:
Applications:
Yellow and Yellow Green chips are matched for uniform light output.
Common Cathode.
Long life solid state reliability.
Low power consumption.
I.C. compatible.
The product itself will remain within RoHS complaint Version.
The lamp contain two integral chips and is available bicolor.
The Yellow and Yellow Green light is emitted by diodes of GaP and GaP respectively.
White Diffused lens color.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.


Similar Part No. - LL-509YGM2E-2Y-2A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   5mm Bi-Color With Common Cathode Type Yellow & Yellow Green LED Technical Data Sheet
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
More results

Similar Description - LL-509YGM2E-2Y-2A_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A_15 Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A_15 Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-309YGM2E-2Y-1A LUCKY-LIGHT-LL-309YGM2E-2Y-1A_15 Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
LL-307YGM2E-2Y-1A LUCKY-LIGHT-LL-307YGM2E-2Y-1A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-257YGM1G-2Y-1A LUCKY-LIGHT-LL-257YGM1G-2Y-1A Datasheet
146Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A_15 Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-259YGM1G-2Y-1A LUCKY-LIGHT-LL-259YGM1G-2Y-1A Datasheet
142Kb / 9P
   Yellow & Yellow Green LED
LL-509YGM2E-2Y-2A LUCKY-LIGHT-LL-509YGM2E-2Y-2A Datasheet
149Kb / 9P
   Yellow & Yellow Green LED
LL-3010YGM2E-2Y-1A LUCKY-LIGHT-LL-3010YGM2E-2Y-1A Datasheet
147Kb / 9P
   Yellow & Yellow Green LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com