Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6551 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6551
Description  3.3V Triple and Quad Video Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551 Datasheet(HTML) 3 Page - Linear Technology

  LT6551_15 Datasheet HTML 1Page - Linear Technology LT6551_15 Datasheet HTML 2Page - Linear Technology LT6551_15 Datasheet HTML 3Page - Linear Technology LT6551_15 Datasheet HTML 4Page - Linear Technology LT6551_15 Datasheet HTML 5Page - Linear Technology LT6551_15 Datasheet HTML 6Page - Linear Technology LT6551_15 Datasheet HTML 7Page - Linear Technology LT6551_15 Datasheet HTML 8Page - Linear Technology LT6551_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6550/LT6551
3
65501fa
The
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VGND = 0V; VIN = 0.75V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
3.3V ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VGND = 0V; VIN = 1.25V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
5V ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Swing High
VIN = 1.75V
No Load
3.0
3.2
V
RL = 150Ω
2.5
2.9
V
RL = 75Ω
2.0
2.5
V
PSRR
VCC = 3V to 10V, VIN = 0.5V
40
48
dB
Minimum Supply Voltage (Note 6)
3V
Output Short-Circuit Current
VIN = 1V, VOUT = 0V
35
50
mA
25
mA
Supply Current per Amplifier (Note 7)
8.5
10
mA
11
mA
Slew Rate (Note 8)
RL = 150Ω, VOUT = 0.5V to 2.5V
140
250
V/
µs
Measured from 1V to 2V
115
V/
µs
Small Signal –3dB Bandwidth
RL = 150Ω
90
MHz
Gain Flatness
Less than 0.25dB
30
MHz
Gain Matching
Any One Channel to Any Other Channel
0.15
dB
Settling Time to 3%
RL = 150Ω, VOUT = 1V to 2.5V
20
ns
Settling Time to 1%
RL = 150Ω, VOUT = 1V to 2.5V
30
ns
% Overshoot
VOUT = 1V to 2.5V, RL = 150Ω
5%
Differential Gain
RL = 150Ω, Black Level = 0.6V at Device Output
0.09
%
Differential Phase
RL = 150Ω, Black Level = 0.6V at Device Output
0.09
Deg
Channel Separation
Measured at 10MHz
60
dB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Accuracy
No Load, VOUT Ideal = 2.5V
30
70
mV
Output Voltage Matching
Between Any Two Outputs
40
90
mV
Input Current
15
65
µA
Input Impedance,
∆VIN/∆IIN
VIN = 0V to 2V
100
300
k
Input Noise Voltage Density
f = 100kHz (Note 10)
12
nV/
√Hz
Input Noise Current Density
f = 100kHz (Note 10)
8
pA/
√Hz
Voltage Gain (Note 5)
0.25V
≤ VIN ≤ 1.75V
No Load
1.9
2.1
V/V
RL = 150Ω
1.9
2.1
V/V
RL = 75Ω, 0.25V ≤ VIN ≤ 1.25V, 0°C ≤ TA ≤ 70°C (Only)
1.85
2.15
V/V
Output Voltage Swing Low
VIN = – 0.1V
No Load
10
30
mV
ISINK = 5mA
60
150
mV
ISINK = 10mA
90
200
mV
Output Voltage Swing High
VIN = 2.6V
No Load
4.6
4.8
V
RL = 150Ω
3.5
4.1
V
RL = 75Ω, 0°C ≤ TA ≤ 70°C (Only)
2.5
3.2
V


Similar Part No. - LT6551_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6551CMS LINER-LT6551CMS Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551IMS LINER-LT6551IMS Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results

Similar Description - LT6551_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com