Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K300 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # K300
Description  LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

K300 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  K300 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
LOW LEVEL ZENER DIODES
VERY LOW VOLTAGE, LOW LEAKAGE
K120 - K510
•• Conserves battery life
•• Unique manufacturing process
•• Provides lowest reverse leakage currents
•• Low impedance at currents specified at 10 mA and below
NOMINAL
DYNAMIC IMPEDANCE
REVERSE CURRENT
PART
ZENER VOLTAGE
MAX Zz
MAX Zzk
@ 25° C
NUMBER
Vz @ Iz = 10 mA
@ IZ = 10 mA
@ IZ = 1 mA
MAX Ir
Vr
(Vdc)
(OHMS)
(OHMS)
(µA)
(Vdc)
K120
1.2
20
125
.05
0.4
K150
1.5
20
125
.05
0.5
K180
1.8
20
125
.05
0.6
K210
2.1
20
125
.05
0.9
K240
2.4
20
125
.05
1.2
K270
2.7
20
125
.05
1.7
K300
3.0
20
125
.05
1.9
K330
3.3
20
125
.05
2.2
K360
3.6
20
125
.05
2.5
K390
3.9
20
125
.05
2.7
K430
4.3
25
135
.05
3.1
K470
4.7
25
135
.05
3.5
K510
5.1
25
135
.05
3.8
Package Style
DO-7
DC Power Dissipation
@ Ta = 50° C
250 mW
Operating Temperature (Topr)
-65 to + 175° C
Storage Temperature (Tstg)
-65 to + 200° C
Voltage Tolerance:
Standard Device
±10%
Other package syles available


Similar Part No. - K300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K300 ETC1-K300 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Sensata Technologies, I...
K300 SENSATA-K300 Datasheet
551Kb / 3P
   Platform Control System for battery powered scissor lift
logo
Shanghai Leiditech Elec...
K3000 LEIDITECH-K3000 Datasheet
644Kb / 6P
   High voltage lamp ignitors
K3000 LEIDITECH-K3000 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Littelfuse
K3000E70AP LITTELFUSE-K3000E70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K300

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
   Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Shanghai Leiditech Elec...
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
   Ultra low leakage: nA level Low clamping voltage
logo
List of Unclassifed Man...
1N456 ETC-1N456 Datasheet
35Kb / 1P
   LOW LEAKAGE DIODES
logo
Knox Semiconductor, Inc
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
List of Unclassifed Man...
UZ24BS ETC1-UZ24BS Datasheet
159Kb / 4P
   Low reverse leakage, Low zener impedance
logo
Knox Semiconductor, Inc
1N4099 KNOX-1N4099 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com