Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 4 Page - Linear Technology

  LTC1153_15 Datasheet HTML 1Page - Linear Technology LTC1153_15 Datasheet HTML 2Page - Linear Technology LTC1153_15 Datasheet HTML 3Page - Linear Technology LTC1153_15 Datasheet HTML 4Page - Linear Technology LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1153
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Threshold Voltage
Drain Sense Threshold Voltage
Auto-Reset Period
Supply Current ON
Input ON Threshold Voltage
SUPPLY VOLTAGE (V)
0
0.4
0.6
1.0
1.2
1.4
2.4
1.8
5
10
LTC1153 • TPC04
0.8
2.0
2.2
1.6
15
20
VON
VOFF
MOSFET Gate Turn-OFF Time
Built-In Trip Delay
Standby Supply Current
TEMPERATURE (°C)
–50
0
5
15
20
25
50
35
0
50
75
LTC1153 • TPC10
10
40
45
30
–25
25
100
125
VIN = 0V
VS = 18V
VS = 5V
TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
0
50
75
LTC1153 • TPC11
200
800
900
600
–25
25
100
125
VIN = 5V
VS = 12V
VS = 5V
TEMPERATURE (°C)
–50
0.4
0.6
1.O
1.2
1.4
2.4
1.8
0
50
75
LTC1153 • TPC12
0.8
2.0
2.2
1.6
–25
25
100
125
VS = 18V
VS = 5V
SUPPLY VOLTAGE (V)
0
50
60
80
90
100
150
120
5
10
LTC1153 • TPC05
70
130
140
110
15
20
SUPPLY VOLTAGE (V)
0
0.01
1
10
510
20
LTC1153 • TPC06
0.1
15
TA = 25°C
3.3
µF
1
µF
0.1
µF
0.033
µF
0.33
µF
MOSFET Gate Turn-ON Time
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
LTC1153 • TPC07
200
800
900
600
15
20
VGS = 5V
VGS = 2V
CGATE = 1000pF
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1153 • TPC09
10
40
45
30
10
20
CGATE = 1000pF
TIME FOR VGATE < 1V
VSEN = VS – 1V
NO EXTERNAL DELAY
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1153 • TPC08
10
40
45
30
10
20
CGATE = 1000pF
TIME FOR VGATE < 1V


Similar Part No. - LTC1153_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153C LINER-LTC1153C Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153CN8 LINER-LTC1153CN8 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153CS8 LINER-LTC1153CS8 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results

Similar Description - LTC1153_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Cooper Bussmann, Inc.
120 COOPER-120 Datasheet
70Kb / 1P
   Auto, Manual & Modified Reset Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com