Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-7 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1164-7
Description  Low Power, Linear Phase 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7 Datasheet(HTML) 4 Page - Linear Technology

  LTC1164-7 Datasheet HTML 1Page - Linear Technology LTC1164-7 Datasheet HTML 2Page - Linear Technology LTC1164-7 Datasheet HTML 3Page - Linear Technology LTC1164-7 Datasheet HTML 4Page - Linear Technology LTC1164-7 Datasheet HTML 5Page - Linear Technology LTC1164-7 Datasheet HTML 6Page - Linear Technology LTC1164-7 Datasheet HTML 7Page - Linear Technology LTC1164-7 Datasheet HTML 8Page - Linear Technology LTC1164-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1164-7
11647fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain vs Frequency
FREQUENCY (kHz)
0.1
–50
–40
–30
–20
–10
1
10
100
1264-7 G01
–60
–70
–90
0
–80
10
–110
–100
VS = ±5V
fCLK = 500kHz
TA = 25°C
100:1
50:1
Phase Factor vs fCLK
(Typical Unit)
Phase Factor vs fCLK (Min and
Max Representative Units)
Phase Factor vs fCLK (Min and
Max Representative Units)
Passband Gain and Phase
Phase Factor vs fCLK
(Typical Unit)
fCLK (MHz)
0.25
437
438
1164-7 G02
436
435
0.5
0.75
1.0
0
°C
70
°C
25
°C
VS = ±5V
(fCLK/fC) = 50:1
fCLK (MHz)
0.25
432
436
1164-7 G03
429
426
0.5
0.75
1.0
0
°C
70
°C
435
434
433
431
430
428
427
25
°C
VS = ±5V
(fCLK/fC) = 100:1
FREQUENCY (kHz)
1
–90
–70
–50
–30
–10
10
100
1164-7 G06
–80
–60
–40
–20
0
10
VS = SINGLE 5V
fCLK = 1MHz
fC = 10kHz
(fCLK/fC) = 50:1
TA = 25°C
Gain vs Frequency
FREQUENCY (Hz)
200
–5
1000
1164-7 G07
–10
–15
600
800
0
90
–90
–180
5
0
–20
–270
180
400
GAIN
VS = ±5V
fCLK = 50kHz
fC = 1kHz
(fCLK/fC) = 50:1
PHASE
Passband Gain and Phase
FREQUENCY (Hz)
200
–5
1000
1164-7 G08
–10
–15
600
800
0
90
–90
–180
5
0
–20
–270
180
400
PHASE
GAIN
VS = ±5V
fCLK = 100kHz
fC = 1kHz
(fCLK/fC) = 100:1
fCLK (MHz)
0.25
436
438
1164-7 G05
433
0.5
0.75
1.0
437
435
434
VS = SINGLE 5V
PINS 3, 5 AT 2V
(fCLK/fC) = 50:1
TA = 25°C
fCLK (MHz)
0.25
436
438
1164-7 G04
433
0.5
0.75
1.0
437
435
434
VS = ±5V
(fCLK/fC) = 50:1
TA = 25°C


Similar Part No. - LTC1164-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7C LINER-LTC1164-7C Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7CJ LINER-LTC1164-7CJ Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7CJ LINER-LTC1164-7CJ Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1164-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com