Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4127 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4127
Description  This document describes the STEVAL-SPBT3ATV3 demonstration board
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4127 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4127 Datasheet HTML 1Page - STMicroelectronics AN4127 Datasheet HTML 2Page - STMicroelectronics AN4127 Datasheet HTML 3Page - STMicroelectronics AN4127 Datasheet HTML 4Page - STMicroelectronics AN4127 Datasheet HTML 5Page - STMicroelectronics AN4127 Datasheet HTML 6Page - STMicroelectronics AN4127 Datasheet HTML 7Page - STMicroelectronics AN4127 Datasheet HTML 8Page - STMicroelectronics AN4127 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN4127
I/O connections
Doc ID 023304 Rev 1
5/27
4
I/O connections
4.1
PAD description
Other than the USB plug, some pads are also available. In fact PAD1 to PAD13 make the
SPBT2632C2A.AT2 pins available to the user.
Table 2 gives a description of these pads.
Figure 4.
Front side connection
Figure 5.
Bottom side connection
1
3
4
13
PAD 1 to 3
PAD 4 to 13
LED1
LED3
LED2
AM12669V1
J1 JTAG connector
AM12670V1
Table 2.
Pad connections
Description
PAD
1
BOOT0 - Boot pin used for firmware downloading - used for testing purposes
2
3.3 V (module – LED1 is connected to this PAD)
3
RESETN - reset - connected in parallel to onboard reset switch
4GND
5
+5 V (USB)
6
LPO (external 32.768 kHz frequency input to allow deep sleep and sniff mode
Bluetooth module functional states)
7
GPIO07 – general purpose I/O
8
GPIO01 – general purpose I/O (1) (LED2 is connected to this GPIO)
9
GPIO02 – general purpose I/O (1)
10
GPIO03 – general purpose I/O (1)
11
GPIO04 – general purpose I/O (1) (LED3 is connected to this GPIO)
12
GPIO06 – general purpose I/O (1)
13
GPIO05 – general purpose I/O


Similar Part No. - AN4127

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN41204A PANASONIC-AN41204A Datasheet
96Kb / 8P
   Optical Disc Motor Drive IC(Achieving a 1-chip motor drive)
logo
Fairchild Semiconductor
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
logo
STMicroelectronics
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
   Poly-phase demonstration kit with the STPMC1 and STPMS2
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
   The STEVAL-ISV015V1 is a demonstration board mounting
AN4124 STMICROELECTRONICS-AN4124 Datasheet
569Kb / 32P
   Using SPC56EL60x fault collection and control unit
More results

Similar Description - AN4127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
   This document describes the STEVAL-SPBT4ATV3 demonstration board
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
   This application note describes the demonstration board
AN2982 STMICROELECTRONICS-AN2982 Datasheet
1Mb / 31P
   This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
   This application note describes the demonstration board EVL4984-350W
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
   The STEVAL-ILL044V1 demonstration board showcases
June 2013 Rev4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com